Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 10Page - Intel Corporation 80960JF Datasheet HTML 11Page - Intel Corporation 80960JF Datasheet HTML 12Page - Intel Corporation 80960JF Datasheet HTML 13Page - Intel Corporation 80960JF Datasheet HTML 14Page - Intel Corporation 80960JF Datasheet HTML 15Page - Intel Corporation 80960JF Datasheet HTML 16Page - Intel Corporation 80960JF Datasheet HTML 17Page - Intel Corporation 80960JF Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
14
Advance Information Datasheet
3.0
Package Information
The 80960Jx is offered with four speeds and three package types. The 132-pin Pin Grid Array
(PGA) device is specified for operation at VCC =3.3 V ± 0.15 V over a case temperature range of
0° to 100°C:
• A80960JT-100 (100 MHz core, 33 MHz bus)
• A80960JT-75 (75 MHz core, 25 MHz bus)
• A80960JD-66 (66 MHz core, 33 MHz bus)
• A80960JD-50 (50 MHz core, 25 MHz bus)
• A80960JD-40 (40 MHz core, 20 MHz bus)
• A80960JD-33 (33 MHz core, 16 MHz bus)
• A80960JA/JF-33 (33 MHz)
• A80960JA/JF-25 (25 MHz)
• A80960JA/JF-16 (16 MHz)
The 132-pin Plastic Quad Flatpack (PQFP) devices are specified for operation at
VCC =3.3 V ± 0.15 V over a case temperature range of 0° to 100°C:
• NG80960JT-100 (100 MHz core, 33 MHz bus)
• NG80960JT-75 (75 MHz core, 25 MHz bus)
• NG80960JD-66 (66 MHz core, 33 MHz bus)
• NG80960JD-50 (50 MHz core, 25 MHz bus)
• NG80960JD-40 (40 MHz core, 20 MHz bus)
• NG80960JD-33 (33 MHz core, 16 MHz bus)
• NG80960JA/JF-33 (33 MHz)
• NG80960JA/JF-25 (25 MHz)
• NG80960JA/JF-16 (16 MHz)
An extended temperature 132-pin Plastic Quad Flatpack (PQFP) device is specified for operation
at VCC = 3.3 V ± 0.15 V over a case temperature range of -40° to 100°C:
• TG80960JA-25 (25 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com