Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 62 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 62 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 58Page - Intel Corporation 80960JF Datasheet HTML 59Page - Intel Corporation 80960JF Datasheet HTML 60Page - Intel Corporation 80960JF Datasheet HTML 61Page - Intel Corporation 80960JF Datasheet HTML 62Page - Intel Corporation 80960JF Datasheet HTML 63Page - Intel Corporation 80960JF Datasheet HTML 64Page - Intel Corporation 80960JF Datasheet HTML 65Page - Intel Corporation 80960JF Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
62
Advance Information Datasheet
Figure 37.
Burst Read and Write Transactions With 1, 0 Wait States and Extra Tr State on
Read, 16-Bit Bus
ADDR
D
D
ADDR
DATA
DATA
CLKIN
AD31:0
ALE
ADS
A3:2
BE3/BHE
WIDTH1:0
D/C
W/R
BLAST
DT/R
DEN
RDYRCV
TW
TD
TD
TR
TR
TA
TW
TD
TD
TR
00,01,10, or 11
00,01,10, or 11
TA
BE0/BLE
BE1/A1
01
01
0
1
01
Out
Out
In
In
F_JF034A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com