Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 28 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 28 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 24Page - Intel Corporation 80960JF Datasheet HTML 25Page - Intel Corporation 80960JF Datasheet HTML 26Page - Intel Corporation 80960JF Datasheet HTML 27Page - Intel Corporation 80960JF Datasheet HTML 28Page - Intel Corporation 80960JF Datasheet HTML 29Page - Intel Corporation 80960JF Datasheet HTML 30Page - Intel Corporation 80960JF Datasheet HTML 31Page - Intel Corporation 80960JF Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
28
Advance Information Datasheet
Table 9.
132-Lead PQFP Pinout — In Pin Order
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
TRST
34
BLAST
67
NC
100
AD8
2
TCK
35
D/C
68
AD26
101
AD7
3
TMS
36
ADS
69
AD25
102
AD6
4
HOLD
37
W/R
70
AD24
103
AD5
5
XINT0
38
VSS (Core)
71
VSS (I/O)
104
AD4
6
XINT1
39
VCC (Core)
72
VCC (I/O)
105
VCC (I/O)
7
XINT2
40
VSS (I/O)
73
VSS (Core)
106
VSS (I/O)
8
XINT3
41
VCC (I/O)
74
VCC (Core)
107
AD3
9
VCC (I/O)
42
DT/R
75
AD23
108
AD2
10
VSS (I/O)
43
DEN
76
AD22
109
AD1
11
XINT4
44
HOLDA
77
AD21
110
AD0
12
XINT5
45
ALE
78
AD20
111
VCC (I/O)
13
XINT6
46
VSS (Core)
79
VSS (I/O)
112
VSS (I/O)
14
XINT7
47
VCC (Core)
80
VCC (I/O)
113
VCC (Core)
15
NMI
48
VSS (I/O)
81
AD19
114
VSS (Core)
16
VCC (Core)
49
VCC (I/O)
82
AD18
115
VCC (Core)
17
VSS (Core)
50
LOCK/ONCE
83
AD17
116
VSS (Core)
18
NC
51
BSTAT
84
AD16
117
CLKIN
19
NC
52
BE0
85
VSS (I/O)
118
VSS (CLK)
20
VCC5
53
BE1
86
VCC (I/O)
119
VCCPLL
21
NC
54
BE2
87
AD15
120
VCC (CLK)
22
NC
55
BE3
88
AD14
121
NC
23
FAIL
56
VSS (I/O)
89
AD13
122
NC
24
ALE
57
VCC (I/O)
90
AD12
123
VCC (Core)
25
TDO
58
VSS (Core)
91
VSS (Core)
124
VSS (Core)
26
VCC (I/O)
59
VCC (Core)
92
VCC (Core)
125
RESET
27
VSS (I/O)
60
AD31
93
VSS (I/O)
126
NC
28
WIDTH/HLTD1
61
AD30
94
VCC (I/O)
127
NC
29
VCC (Core)
62
AD29
95
AD11
128
STEST
30
VSS (Core)
63
AD28
96
AD10
129
VCC (I/O)
31
WIDTH/HLTD0
64
VSS (I/O)
97
VSS (I/O)
130
TDI
32
A2
65
VCC (I/O)
98
VCC (I/O)
131
VSS (I/O)
33
A3
66
AD27
99
AD9
132
RDYRCV
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com