Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
ADAU1361
Rev. C | Page 26 of 80
CLOCKING AND SAMPLING RATES
MCLK
INFREQ[1:0]
SERIAL DATA
INPUT/OUTPUT
PORT
ADCs
DACs
÷ X
× (R + N/M)
R1: PLL CONTROL REGISTER
CLKSRC
R0: CLOCK
CONTROL REGISTER
CORE
CLOCK
R17: CONVERTER
CONTROL 0 REGISTER
256 ×
fS, 512 × fS,
768 ×
fS, 1024 × fS
CONVSR[2:0]
fS/0.5, 1, 1.5, 2, 3, 4, 6
Figure 29. Clock Tree Diagram
CORE CLOCK
Clocks for the converters and serial ports are derived from the
core clock. The core clock can be derived directly from MCLK
or it can be generated by the PLL. The CLKSRC bit (Bit 3 in
Register R0, Address 0x4000) determines the clock source.
The INFREQ[1:0] bits should be set according to the expected
input clock rate selected by CLKSRC; this value also determines
the core clock rate and the base sampling frequency, fS.
For example, if the input to CLKSRC = 49.152 MHz (from
PLL), then
INFREQ[1:0] = 1024 × fS
fS = 49.152 MHz/1024 = 48 kHz
The PLL output clock rate is always 1024 × fS, and the clock
control register automatically sets the INFREQ[1:0] bits to
1024 × fS when using the PLL. When using a direct clock, the
INFREQ[1:0] frequency should be set according to the MCLK
pin clock rate and the desired base sampling frequency.
Table 12. Clock Control Register (Register R0, Address 0x4000)
Bits
Bit Name
Settings
3
CLKSRC
0: Direct from MCLK pin (default)
1: PLL clock
[2:1]
INFREQ[1:0]
00: 256 × fS (default)
01: 512 × fS
10: 768 × fS
11: 1024 × fS
0
COREN
0: Core clock disabled (default)
1: Core clock enabled
SAMPLING RATES
The ADCs, DACs, and serial port share a common sampling
rate that is set in Register R17 (Converter Control 0 register,
Address 0x4017). The CONVSR[2:0] bits set the sampling rate
as a ratio of the base sampling frequency.
Table 13 and Table 14 list the sampling rate divisions for
common base sampling rates.
Table 13. 48 kHz Base Sampling Rate Divisions
Base Sampling
Frequency
Sampling Rate Scaling
Sampling Rate
fS/1
48 kHz
fS/6
8 kHz
fS/4
12 kHz
fS/3
16 kHz
fS/2
24 kHz
fS/1.5
32 kHz
fS = 48 kHz
fS/0.5
96 kHz
Table 14. 44.1 kHz Base Sampling Rate Divisions
Base Sampling
Frequency
Sampling Rate Scaling
Sampling Rate
fS/1
44.1 kHz
fS/6
7.35 kHz
fS/4
11.025 kHz
fS/3
14.7 kHz
fS/2
22.05 kHz
fS/1.5
29.4 kHz
fS = 44.1 kHz
fS/0.5
88.2 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com