Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
ADAU1361
Rev. C | Page 65 of 80
R26: Playback L/R Mixer Left (Mixer 5) Line Output Control, 16,416 (0x4020)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MX5G4[1:0]
MX5G3[1:0]
MX5EN
Table 53. Playback L/R Mixer Left (Mixer 5) Line Output Control Register
Bits
Bit Name
Description
[4:3]
MX5G4[1:0]
Mixer input gain boost. The signal from the right channel playback mixer (Mixer 4) can be enabled and boosted
in the playback L/R mixer left (Mixer 5).
Setting
Gain Boost
00
Mute (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
[2:1]
MX5G3[1:0]
Mixer input gain boost. The signal from the left channel playback mixer (Mixer 3) can be enabled and boosted in
the playback L/R mixer left (Mixer 5).
Setting
Gain Boost
00
Mute (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
0
MX5EN
Mixer 5 enable.
0 = disabled (default).
1 = enabled.
R27: Playback L/R Mixer Right (Mixer 6) Line Output Control, 16,417 (0x4021)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MX6G4[1:0]
MX6G3[1:0]
MX6EN
Table 54. Playback L/R Mixer Right (Mixer 6) Line Output Control Register
Bits
Bit Name
Description
[4:3]
MX6G4[1:0]
Mixer input gain boost. The signal from the right channel playback mixer (Mixer 4) can be enabled and boosted
in the playback L/R mixer right (Mixer 6).
Setting
Gain Boost
00
Mute (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
[2:1]
MX6G3[1:0]
Mixer input gain boost. The signal from the left channel playback mixer (Mixer 3) can be enabled and boosted in
the playback L/R mixer right (Mixer 6).
Setting
Gain Boost
00
Mute (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
0
MX6EN
Mixer 6 enable.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com