Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
ADAU1361
Rev. C | Page 61 of 80
R21: Right Input Digital Volume, 16,411 (0x401B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RADVOL[7:0]
Table 48. Right Input Digital Volume Register
Bits
Bit Name
Description
[7:0]
RADVOL[7:0]
Controls the digital volume attenuation for right channel inputs from either the right ADC or the right digital
microphone input. Each bit corresponds to a 0.375 dB step with slewing between settings. See Table 73 for a
complete list of the volume settings.
Setting
Volume Attenuation
00000000
0 dB (default)
00000001
−0.375 dB
00000010
−0.75 dB
…
…
11111110
−95.25 dB
11111111
−95.625 dB
R22: Playback Mixer Left (Mixer 3) Control 0, 16,412 (0x401C)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MX3RM
MX3LM
MX3AUXG[3:0]
MX3EN
Table 49. Playback Mixer Left (Mixer 3) Control 0 Register
Bits
Bit Name
Description
6
MX3RM
Mixer input mute. Mutes the right DAC input to the left channel playback mixer (Mixer 3).
0 = muted (default).
1 = unmuted.
5
MX3LM
Mixer input mute. Mutes the left DAC input to the left channel playback mixer (Mixer 3).
0 = muted (default).
1 = unmuted.
[4:1]
MX3AUXG[3:0]
Mixer input gain. Controls the left channel auxiliary input gain to the left channel playback mixer (Mixer 3).
Setting
Gain
0000
Mute (default)
0001
−15 dB
0010
−12 dB
0011
−9 dB
0100
−6 dB
0101
−3 dB
0110
0 dB
0111
3 dB
1000
6 dB
0
MX3EN
Mixer 3 enable.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com