Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
ADAU1361
Rev. C | Page 59 of 80
R17: Converter Control 0, 16,407 (0x4017)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
DAPAIR[1:0]
DAOSR
ADOSR
CONVSR[2:0]
Table 44. Converter Control 0 Register
Bits
Bit Name
Description
[6:5]
DAPAIR[1:0]
On-chip DAC serial data selection in TDM mode.
Setting
Pair
00
First pair (default)
01
Second pair
10
Third pair
11
Fourth pair
4
DAOSR
DAC oversampling ratio. This bit cannot be set for 64× when CONVSR[2:0] is set to 96 kHz.
0 = 128× (default).
1 = 64×.
3
ADOSR
ADC oversampling ratio. This bit cannot be set for 64× when CONVSR[2:0] is set to 96 kHz.
0 = 128× (default).
1 = 64×.
[2:0]
CONVSR[2:0]
Converter sampling rate. The ADCs and DACs operate at the sampling rate set in this register. The converter rate
selected is a ratio of the base sampling rate, fS. The base sampling rate is determined by the operating frequency
of the core clock. The serial port mirrors the converter sampling rates set in this register.
Setting
Sampling Rate
Base Sampling Rate (fS = 48 kHz)
000
fS
48 kHz, base (default)
001
fS/6
8 kHz
010
fS/4
12 kHz
011
fS/3
16 kHz
100
fS/2
24 kHz
101
fS/1.5
32 kHz
110
fS/0.5
96 kHz
111
Reserved
R18: Converter Control 1, 16,408 (0x4018)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
ADPAIR[1:0]
Table 45. Converter Control 1 Register
Bits
Bit Name
Description
[1:0]
ADPAIR[1:0]
On-chip ADC serial data selection in TDM mode.
Setting
Pair
00
First pair (default)
01
Second pair
10
Third pair
11
Fourth pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com