Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
ADAU1361
Rev. C | Page 70 of 80
R36: DAC Control 0, 16,426 (0x402A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DACMONO[1:0]
DACPOL
Reserved
DEMPH
DACEN[1:0]
Table 63. DAC Control 0 Register
Bits
Bit Name
Description
[7:6]
DACMONO[1:0]
DAC mono mode. The DAC channels can be set to mono mode within the DAC and output on the left
channel, the right channel, or both channels.
Setting
Mono Mode
00
Stereo (default)
01
Left channel in mono mode
10
Right channel in mono mode
11
Both channels in mono mode
5
DACPOL
Invert input polarity of the DACs.
0 = normal (default).
1 = inverted.
2
DEMPH
DAC de-emphasis filter enable. The de-emphasis filter is designed for use with a sampling rate of 44.1 kHz only.
0 = disabled (default).
1 = enabled.
[1:0]
DACEN[1:0]
DAC enable.
Setting
DACs Enabled
00
Both off (default)
01
Left on
10
Right on
11
Both on
R37: DAC Control 1, 16,427 (0x402B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LDAVOL[7:0]
Table 64. DAC Control 1 Register
Bits
Bit Name
Description
[7:0]
LDAVOL[7:0]
Controls the digital volume attenuation for left channel inputs from the left DAC. Each bit corresponds to a
0.375 dB step with slewing between settings. See Table 73 for a complete list of the volume settings.
Setting
Volume Attenuation
00000000
0 dB (default)
00000001
−0.375 dB
00000010
−0.75 dB
…
…
11111110
−95.25 dB
11111111
−95.625 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com