Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
ADAU1361
Rev. C | Page 69 of 80
R34: Playback Pop/Click Suppression, 16,424 (0x4028)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
POPMODE
POPLESS
ASLEW[1:0]
Reserved
Table 61. Playback Pop/Click Suppression Register
Bits
Bit Name
Description
4
POPMODE
Pop suppression circuit power saving mode. The pop suppression circuits charge faster in normal operation;
however, after they are charged, they can be put into low power operation.
0 = normal (default).
1 = low power.
3
POPLESS
Pop suppression disable. The pop suppression circuits are enabled by default. They can be disabled to save
power; however, disabling the circuits increases the risk of pops and clicks.
0 = enabled (default).
1 = disabled.
[2:1]
ASLEW[1:0]
Analog volume slew rate for playback volume controls.
Setting
Slew Rate
00
21.25 ms (default)
01
42.5 ms
10
85 ms
11
Off
R35: Playback Power Management, 16,425 (0x4029)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HPBIAS[1:0]
DACBIAS[1:0]
PBIAS[1:0]
PREN
PLEN
Table 62. Playback Power Management Register
Bits
Bit Name
Description
[7:6]
HPBIAS[1:0]
Headphone bias control.
Setting
Headphone Bias Control
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[5:4]
DACBIAS[1:0]
DAC bias control.
Setting
DAC Bias Control
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[3:2]
PBIAS[1:0]
Playback path channel bias control.
Setting
Playback Path Bias Control
00
Normal operation (default)
01
Reserved
10
Enhanced performance
11
Power saving
1
PREN
Playback right channel enable.
0 = disabled (default).
1 = enabled.
0
PLEN
Playback left channel enable.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com