Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
ADAU1361
Rev. C | Page 22 of 80
AVDD
IOVDD
AVDD
DVDDOUT
LINN
RINN
RINP
LINP
LAUX
RAUX
+
+
+
AUX LEFT
MCLK
ADC_SDATA
DAC_SDATA
LRCLK
BCLK
SERIAL DATA
CM
SYSTEM
CONTROLLER
ADDR1/CDATA
SDA/COUT
SCL/CCLK
ADDR0/CLATCH
MICBIAS
LOUTP
LOUTN
ROUTP
ROUTN
CLOCK
SOURCE
ADAU1361
10µF
CM
10µF
0.1µF
10µF
10µF
10µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
9.1pF
22nF
REXT
0.1µF
FROM VOLTAGE
REGULATOR
(1.8V TO 3.3V)
1k
Ω
AUX RIGHT
10µF
1k
Ω
49.9
Ω
BCLK
0.1µF
10µF
+
1.2nH
22nF
REXT
22nF
REXT
REXT
22nF
INL+
INL–
INR+
INR–
OUTL+
OUTL–
OUTR+
OUTR–
SSM2306
CLASS-D 2W
STEREO SPEAKER
DRIVER
VDD
VDD
GND
SD
GND
2.5V TO 5.0V
RIGHT
SPEAKER
LEFT
SPEAKER
LHP
MONOOUT
RHP
CAPLESS
HEADPHONE
OUTPUT
BCLK
JACKDET/MICIN
GND
L/R SELECT
DATA
VDD
CLK
DIGITAL
MICROPHONE
GND
L/R SELECT
DATA
VDD
CLK
DIGITAL
MICROPHONE
Figure 27. System Block Diagram with Digital Microphones and SSM2306 Class-D Speaker Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com