Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
ADAU1361
Rev. C | Page 57 of 80
R14: ALC Control 3, 16,404 (0x4014)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NGTYP[1:0]
NGEN
NGTHR[4:0]
Table 41. ALC Control 3 Register
Bits
Bit Name
Description
[7:6]
NGTYP[1:0]
Noise gate type. When the input signal falls below the threshold for 250 ms, the noise gate can hold a constant
PGA gain, mute the ADC output, fade the PGA gain to the minimum gain value, or fade then mute.
Setting
Noise Gate
00
Hold PGA constant (default)
01
Mute ADC output (digital mute)
10
Fade to PGA minimum value (analog fade)
11
Fade then mute (analog fade/digital mute)
5
NGEN
Noise gate enable.
0 = disabled (default).
1 = enabled.
[4:0]
NGTHR[4:0]
Noise gate threshold. When the input signal falls below the threshold for 250 ms, the noise gate is activated.
A 1 LSB increase corresponds to a −1.5 dB change. See Table 72 for a complete list of the threshold settings.
Setting
Threshold
00000
−76.5 dB (default)
00001
−75 dB
…
…
11110
−31.5 dB
11111
−30 dB
R15: Serial Port Control 0, 16,405 (0x4015)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DITHEN
Reserved
LRMOD
BPOL
LRPOL
CHPF[1:0]
MS
Table 42. Serial Port Control 0 Register
Bits
Bit Name
Description
7
DITHEN
Dither enable is applicable only for 16-bit data width modes.
0 = disabled (default).
1 = enabled.
5
LRMOD
LRCLK mode sets the LRCLK for either a 50% duty cycle or a pulse. The pulse mode should be at least 1 BCLK wide.
0 = 50% duty cycle (default).
1 = pulse mode.
4
BPOL
BCLK polarity sets the BCLK edge that triggers a change in audio data. This can be set for the falling or rising
edge of the BCLK.
0 = falling edge (default).
1 = rising edge.
3
LRPOL
LRCLK polarity sets the LRCLK edge that triggers the beginning of the left channel audio frame. This can be set
for the falling or rising edge of the LRCLK.
0 = falling edge (default).
1 = rising edge.
[2:1]
CHPF[1:0]
Channels per frame sets the number of channels per LRCLK frame.
Setting
Channels per LRCLK Frame
00
Stereo (default)
01
TDM 4
10
Reserved
11
Reserved
0
MS
Serial data port bus mode. Both LRCLK and BCLK are master of the serial port when set in master mode and are
serial port slave in slave mode.
0 = slave mode (default).
1 = master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com