Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
ADAU1361
Rev. C | Page 25 of 80
Case 2: PLL Is Used
The core clock to the entire chip is off during the PLL lock
acquisition period. The user can poll the lock bit to determine
when the PLL has locked. After lock is acquired, the ADAU1361
can be started by asserting the core clock enable bit (COREN)
in Register R0 (clock control register, Address 0x4000). This bit
enables the core clock to all the internal blocks of the ADAU1361.
PLL Lock Acquisition
During the lock acquisition period, only Register R0 (Address
0x4000) and Register R1 (Address 0x4002) are accessible through
the control port. Because all other registers require a valid master
clock for reading and writing, do not attempt to access any other
register. Any read or write is prohibited until the core clock
enable bit (COREN) and the lock bit are both asserted.
To program the PLL during initialization or reconfiguration of
the clock setting, the following procedure must be followed:
1.
Power down the PLL.
2.
Reset the PLL control register.
3.
Start the PLL.
4.
Poll the lock bit.
5.
Assert the core clock enable bit after the PLL lock
is acquired.
The PLL control register (Register R1, Address 0x4002) is a
48-bit register where all bits must be written with a single
continuous write to the control port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com