Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
ADAU1361
Rev. C | Page 54 of 80
R11: ALC Control 0, 16,401 (0x4011)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PGASLEW[1:0]
ALCMAX[2:0]
ALCSEL[2:0]
Table 38. ALC Control 0 Register
Bits
Bit Name
Description
[7:6]
PGASLEW[1:0]
PGA volume slew time when the ALC is off. The slew time is the period of time that a volume increase or decrease
takes to ramp up or ramp down to the target volume set in Register R8 (left differential input volume control)
and Register R9 (right differential input volume control).
Setting
Slew Time
00
24 ms (default)
01
48 ms
10
96 ms
11
Off
[5:3]
ALCMAX[2:0]
The maximum ALC gain sets a limit to the amount of gain that the ALC can provide to the input signal. This
protects small signals from excessive amplification.
Setting
Maximum ALC Gain
000
−12 dB (default)
001
−6 dB
010
0 dB
011
6 dB
100
12 dB
101
18 dB
110
24 dB
111
30 dB
[2:0]
ALCSEL[2:0]
ALC select. These bits set the channels that are controlled by the ALC. When set to right only, the ALC responds
only to the right channel input and controls the gain of the right PGA amplifier only. When set to left only, the
ALC responds only to the left channel input and controls the gain of the left PGA amplifier only. When set to
stereo, the ALC responds to the greater of the left or right channel and controls the gain of both the left and
right PGA amplifiers. These bits must be off if manual control of the volume is desired.
Setting
Channels
000
Off (default)
001
Right only
010
Left only
011
Stereo
100
Reserved
101
Reserved
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com