Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
ADAU1361
Rev. C | Page 11 of 80
DIGITAL TIMING SPECIFICATIONS
−40°C < TA < +85°C, IOVDD = 3.3 V ± 10%.
Table 7. Digital Timing
Limit
Parameter
tMIN
tMAX
Unit
Description
MASTER CLOCK
tMP
74
488
ns
MCLK period, 256 × fS mode.
tMP
37
244
ns
MCLK period, 512 × fS mode.
tMP
24.7
162.7
ns
MCLK period, 768 × fS mode.
tMP
18.5
122
ns
MCLK period, 1024 × fS mode.
SERIAL PORT
tBIL
5
ns
BCLK pulse width low.
tBIH
5
ns
BCLK pulse width high.
tLIS
5
ns
LRCLK setup. Time to BCLK rising.
tLIH
5
ns
LRCLK hold. Time from BCLK rising.
tSIS
5
ns
DAC_SDATA setup. Time to BCLK rising.
tSIH
5
ns
DAC_SDATA hold. Time from BCLK rising.
tSODM
50
ns
ADC_SDATA delay. Time from BCLK falling in master mode.
SPI PORT
fCCLK
10
MHz
CCLK frequency.
tCCPL
10
ns
CCLK pulse width low.
tCCPH
10
ns
CCLK pulse width high.
tCLS
5
ns
CLATCH setup. Time to CCLK rising.
tCLH
10
ns
CLATCH hold. Time from CCLK rising.
tCLPH
10
ns
CLATCH pulse width high.
tCDS
5
ns
CDATA setup. Time to CCLK rising.
tCDH
5
ns
CDATA hold. Time from CCLK rising.
tCOD
50
ns
COUT three-stated. Time from CLATCH rising.
I2C PORT
fSCL
400
kHz
SCL frequency.
tSCLH
0.6
μs
SCL high.
tSCLL
1.3
μs
SCL low.
tSCS
0.6
μs
Setup time; relevant for repeated start condition.
tSCH
0.6
μs
Hold time. After this period, the first clock is generated.
tDS
100
ns
Data setup time.
tSCR
300
ns
SCL rise time.
tSCF
300
ns
SCL fall time.
tSDR
300
ns
SDA rise time.
tSDF
300
ns
SDA fall time.
tBFT
0.6
μs
Bus-free time. Time between stop and start.
DIGITAL MICROPHONE
RLOAD = 1 MΩ, CLOAD = 14 pF.
tDCF
10
ns
Digital microphone clock fall time.
tDCR
10
ns
Digital microphone clock rise time.
tDDV
22
30
ns
Digital microphone delay time for valid data.
tDDH
0
12
ns
Digital microphone delay time for data three-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com