Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
ADAU1361
Rev. C | Page 32 of 80
AUTOMATIC LEVEL CONTROL (ALC)
The ADAU1361 contains a hardware automatic level control
(ALC). The ALC is designed to continuously adjust the PGA
gain to keep the recording volume constant as the input level
varies.
For optimal noise performance, the ALC uses the analog PGA
to adjust the gain instead of using a digital method. This ensures
that the ADC noise is not amplified at low signal levels.
Extremely small gain step sizes are used to ensure high audio
quality during gain changes.
To use the ALC function, the inputs must be applied either
differentially or pseudo-differentially to input pins LINN and
LINP, for the left channel, and RINN and RINP, for the right
channel. The ALC function is not available for the auxiliary line
input pins, LAUX and RAUX.
A block diagram of the ALC block is shown in Figure 36. The
ALC logic receives the ADC output signals and analyzes these
digital signals to set the PGA gain. The ALC control registers
are used to control the time constants and output levels, as
described in this section.
RIGHT
ADC
LEFT
ADC
MUTE
SERIAL
PORTS
ALC
DIGITAL
ANALOG
INPUT
LEFT
I2C
CONTROL
ANALOG
INPUT
RIGHT
PGA
–12dB TO +35.25dB
0.75dB STEP SIZE
Figure 36. ALC Architecture
ALC PARAMETERS
The ALC function is controlled with the ALC control registers
(Address 0x4011 through Address 0x4014) using the following
parameters:
•
ALCSEL[2:0]: The ALC select bits are used to enable the
ALC and set the mode to left only, right only, or stereo. In
stereo mode, the greater of the left or right inputs is used
to calculate the gain, and the same gain is then applied to
both the left and right channels.
•
ALCTARG[3:0]: The ALC target is the desired input
recording level that the ALC attempts to achieve.
•
ALCATCK[3:0]: The ALC attack time sets how fast the
ALC starts attenuating after a sudden increase in input
level above the ALC target. Although it may seem that
the attack time should be set as fast as possible to avoid
clipping on transients, using a moderate value results in
better overall sound quality. If the value is too fast, the
ALC overreacts to very short transients, causing audible
gain-pumping effects, which sounds worse than using a
moderate value that allows brief periods of clipping on
transients. A typical setting for music recording is 384 ms.
A typical setting for voice recording is 24 ms.
•
ALCHOLD[3:0]: These bits set the ALC hold time. When
the output signal falls below the target output level, the
gain is not increased unless the output remains below the
target level for the period of time set by the hold time bits.
The hold time is used to prevent the gain from modulating
on a steady low frequency sine wave signal, which would
cause distortion.
•
ALCDEC[3:0]: The ALC decay time sets how fast the ALC
increases the PGA gain after a sudden decrease in input level
below the ALC target. A very slow setting can be used if the
main function of the ALC is to set a music recording level.
A faster setting can be used if the function of the ALC is to
compress the dynamic range of a voice recording. Using a
very fast decay time can cause audible artifacts such as noise
pumping or distortion. A typical setting for music recording
is 24.58 sec. A typical setting for voice recording is 1.54 sec.
•
ALCMAX[2:0]: The maximum ALC gain bits are used to
limit the maximum gain that can be programmed into the
ALC. This can be used to prevent excessive noise in the
recording for small input signals. Note that setting this
register to a low value may prevent the ALC from reaching
its target output level, but this behavior is often desirable to
achieve the best overall sound.
Figure 37 shows the dynamic behavior of the PGA gain for a
tone-burst input. The target output is achieved for three differ-
ent input levels, with the effect of attack, hold, and decay shown
in the figure. Note that for very small signals, the maximum PGA
gain may prevent the ALC from achieving its target level; in the
same way, for very large inputs, the minimum PGA gain may
prevent the ALC from achieving its target level (assuming that
the target output level is set to a very low value). The effects of
the PGA gain limit are shown in the input/output graph of
Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com