Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
ADAU1361
Rev. C | Page 66 of 80
R28: Playback L/R Mixer Mono Output (Mixer 7) Control, 16,418 (0x4022)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MX7[1:0]
MX7EN
Table 55. Playback L/R Mixer Mono Output (Mixer 7) Control Register
Bits
Bit Name
Description
[2:1]
MX7[1:0]
L/R mono playback mixer (Mixer 7). Mixes the left and right playback mixers (Mixer 3 and Mixer 4) with either a
0 dB or 6 dB gain boost. Additionally, this mixer can operate as a common-mode output, which is used as the
virtual ground in a capless headphone configuration.
Setting
Gain Boost
00
Common-mode output (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
0
MX7EN
Mixer 7 enable.
0 = disabled (default).
1 = enabled.
R29: Playback Headphone Left Volume Control, 16,419 (0x4023)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LHPVOL[5:0]
LHPM
HPEN
Table 56. Playback Headphone Left Volume Control Register
Bits
Bit Name
Description
[7:2]
LHPVOL[5:0]
Headphone volume control for left channel, LHP output. Each 1-bit step corresponds to a 1 dB increase in volume.
See Table 74 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
LHPM
Headphone mute for left channel, LHP output (active low).
0 = mute.
1 = unmute (default).
0
HPEN
Headphone output enable.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com