Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
ADAU1361
Rev. C | Page 47 of 80
Byte
Bits
Bit Name
Description
4
[6:3]
R[3:0]
PLL integer setting.
Setting
Value of R
0010
2 (default)
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8
4
[2:1]
X[1:0]
PLL input clock divider.
Setting
Value of X
00
1 (default)
01
2
10
3
11
4
4
0
Type
Type of PLL. When set to integer mode, the values of M and N are ignored.
0 = integer (default).
1 = fractional.
5
1
Lock
PLL lock. This read-only bit is flagged when the PLL has finished locking.
0 = PLL unlocked (default).
1 = PLL locked.
5
0
PLLEN
PLL enable.
0 = PLL disabled (default).
1 = PLL enabled.
R2: Digital Microphone/Jack Detection Control, 16,392 (0x4008)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
JDDB[1:0]
JDFUNC[1:0]
Reserved
JDPOL
Table 29. Digital Microphone/Jack Detection Control Register
Bits
Bit Name
Description
[7:6]
JDDB[1:0]
Jack detect debounce time.
Setting
Debounce Time
00
5 ms (default)
01
10 ms
10
20 ms
11
[5:4]
JDFUNC[1:0]
JACKDET/MICIN pin function. Enables or disables the jack detect function or configures the pin for a digital
microphone input.
40 ms
Setting
Pin Function
00
Jack detect off (default)
01
Jack detect on
10
Digital microphone input
11
0
JDPOL
Jack detect polarity. Detects high or low signal.
0 = detect high signal (default).
1 = detect low signal.
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com