Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1361BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADAU1361BCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1361BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAU1361BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1361BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
ADAU1361
Rev. C | Page 23 of 80
THEORY OF OPERATION
The ADAU1361 is an audio codec that offers high quality audio,
low power, and small package size. The stereo ADC and stereo
DAC each have an SNR of at least +98 dB and a THD + N of
at least −90 dB. The serial data port is compatible with I2S, left-
justified, right-justified, and TDM modes for interfacing to digital
audio data. The operating voltage range is 1.8 V to 3.65 V, with an
on-board regulator generating the internal digital supply voltage.
The record signal path includes very flexible input configurations
that can accept differential and single-ended analog microphone
inputs as well as a digital microphone input. A microphone bias
pin provides seamless interfacing to electret microphones. Input
configurations can accept up to six single-ended analog signals
or variations of stereo differential or stereo single-ended signals
with two additional auxiliary single-ended inputs. Each input
signal has its own programmable gain amplifier (PGA) for volume
adjustment and can be routed directly to the playback path output
mixers, bypassing the ADCs. An automatic level control (ALC)
can also be implemented to keep the recording volume constant.
The ADCs and DACs are high quality, 24-bit Σ-Δ converters
that operate at selectable 64× or 128× oversampling ratios. The
base sampling rate of the converters is set by the input clock rate
and can be further scaled with the converter control register
settings. The converters can operate at sampling frequencies
from 8 kHz to 96 kHz. The ADCs and DACs also include very
fine-step digital volume controls.
The playback path allows input signals and DAC outputs to be
mixed into various output configurations. Headphone drivers
are available for a stereo headphone output, and the other output
pins are capable of differentially driving an earpiece speaker.
Capless headphone outputs are possible with the use of the
mono output as a virtual ground connection. The stereo line
outputs can be used as either single-ended or differential
outputs and as an optional mix-down mono output.
The ADAU1361 can generate its internal clocks from a wide
range of input clocks by using the on-board fractional PLL.
The PLL accepts inputs from 8 MHz to 27 MHz.
The ADAU1361 is provided in a small, 32-lead, 5 mm × 5 mm
LFCSP with an exposed bottom pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com