Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 30 of 116
SYSTEM CLOCKING AND POWER-UP
CLOCK INITIALIZATION
The ADAU1772 can generate its clocks either from an externally
provided clock or from a crystal oscillator. In both cases, the on-
board PLL can be used or the clock can be fed directly to the
core. When a crystal oscillator is used, it is desirable to use a
12.288 MHz crystal, and the crystal oscillator function must be
enabled in the COREN bit (Address 0x0000). If the PLL is used,
it should always be set to output 24.576 MHz. The PLL can be
bypassed if a clock of 12.288 MHz or 24.576 MHz is available in
the system. Bypassing the PLL saves system power.
The CC_MDIV and CC_CDIV bits should not be changed after
setup, but the CLKSRC bit can be switched while the core is
running.
The CC_MDIV and CC_CDIV bits should be set so that the core
and internal master clock are always 12.288 MHz; for example,
when using a 24.576 MHz external source clock or if using the
PLL, it is necessary to use the internal divide by 2 (see Table 11).
Table 11. Clock Configuration Settings
CC_MDIV
CC_CDIV
Description
1
1
Divide PLL/external clock by 1. Use these
settings for a 12.288 MHz direct input clock
source.
0
0
Divide PLL/external clock by 2. Use these
settings for a 24.576 MHz direct input clock
source or if using the PLL.
PLL Bypass Setup
On power up, the ADAU1772 comes out of an internal reset
after 12 ms. The rate of the internal master clock must be set
properly using the CC_MDIV bit in the clock control register
(Address 0x0000). When bypassing the PLL, the clock associated
with MCLKIN must be either 12.288 MHz or 24.576 MHz. The
internal master clock of the ADAU1772 is disabled until the
COREN bit is asserted.
PLL Enabled Setup
The core clock of the ADAU1772 is disabled by the default
setting of Bit COREN and should remain disabled during the
PLL lock acquisition period. The user can poll the LOCK bit to
determine when the PLL has locked. After lock is acquired, the
ADAU1772 can be started by asserting the COREN bit. This bit
enables the core clock for all the internal blocks of the ADAU1772.
To program the PLL during initialization or reconfiguration of
the codec, the following procedure must be followed:
1. Ensure that PLL_EN (Bit 7, Address 0x0000) is set low.
2. Set/reset the PLL control registers (Address 0x0001 to
Address 0x0005).
3. Enable the PLL using the PLL_EN bit.
4. Poll the PLL lock bit in Register 0x0006.
5. Set the COREN bit in Register 0x0000 after PLL lock is
acquired.
Control Port Access During Initialization
During the lock acquisition period, only Register 0x0000 to
Register 0x0006 are accessible through the control port. A read
or write to any other register is prohibited until the core clock
enable bit and the lock bit are both asserted.
After the CORE_RUN bit (Address 0x0009) is set high, the
DAC_SOURCE0 and DAC_SOURCE1 register bits should not
be changed. If these bits must be changed after the ADAU1772
is running, the CORE_RUN bit first must be disabled.
PLL
The PLL uses the MCLKIN signal as a reference to generate
the core clock. The PLL settings are set in Register 0x0000 to
Register 0x0005. Depending on the MCLK frequency, the PLL
must be set for either integer or fractional mode. The PLL can
accept input frequencies in the range of 8 MHz to 27 MHz.
Figure 76. PLL Block Diagram
Input Clock Divider
Before reaching the PLL, the input clock signal goes through an
integer clock divider to ensure that the clock frequency is within
a suitable range for the PLL. The X bits in the PLL_CTRL4 register
(Bits[2:1], Address 0x0005) sets the PLL input clock divide ratio.
Integer Mode
Integer mode is used when the clock input is an integer multiple
of the PLL output.
For example, if MCLKIN = 12.288 MHz and (X + 1) = 1, and
fS = 48 kHz, then
PLL Required Output = 24.576 MHz
R/2 = 24.576 MHz/12.288 MHz = 2
where R/2 = 2 or R = 4.
In integer mode, the values set for N and M are ignored.
Table 12 lists common integer PLL parameter settings for
48 kHz sampling rates.
Fractional Mode
Fractional mode is used when the clock input is a fractional
multiple of the PLL output.
For example, if MCLKIN = 13 MHz, (X + 1) = 1, and
fS = 48 kHz, then
PLL Required Output = 24.576 MHz
(1/2) × (R + (N/M)) = 24.576 MHz/13 MHz = (1/2) × (3 +
(1269/1625))
where:
R = 3.
N = 1269.
M = 1625.
MCLK
÷X
× (R + N/M)
TO PLL
CLOCK DIVIDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com