Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 56 of 116
Bits
Bit Name
Settings
Description
Reset
Access
[2:1]
X
PLL input clock divide ratio.
0x0
RW
00
Pin clock input/1
01
Pin clock input/2
10
Pin clock input/3
11
Pin clock input/4
0
PLL_TYPE
PLL type.
0x0
RW
0
Integer
1
Fractional
PLL LOCK FLAG REGISTER
Address: 0x0006, Reset: 0x00, Name: PLL_CTRL5
Table 36. Bit Descriptions for PLL_CTRL5
Bits
Bit Name
Settings
Description
Reset
Access
0
LOCK
Flag to indicate if the PLL is locked. This bit is read only.
0x0
R
0
PLL unlocked
1
PLL locked
CLKOUT SETTING SELECTION REGISTER
Address: 0x0007, Reset: 0x00, Name: CLKOUT_SEL
When Pin ADC_SDATA1/CLKOUT/MP6 is set to clock output mode, the frequency of the output clock is set here. CLKOUT can be used
to provide a master clock to another IC, the clock for digital microphones, or as the clock for the PDM output stream. The 12 MHz/24
MHz setting is used when clocking another IC, 3 MHz/6 MHz for PDMOUT, and 1.5 MHz/3 MHz when clocking digital microphones.
The CLKOUT frequency is derived from the master clock frequency, which is assumed to (and always should) be 12.288 MHz. The
12.288 MHz and 24.576 MHz output modes are not functional if PDM is enabled (Register PDM_OUT, Bits[1:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com