Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 86 of 116
DSP BYPASS PATH REGISTER
Address: 0x002A, Reset: 0x00, Name: TALKTHRU
Table 71. Bit Descriptions for TALKTHRU
Bits
Bit Name
Settings
Description
Reset
Access
[1:0]
TALKTHRU_PATH
Signal path when DSP bypass is enabled.
0x0
RW
00
No DSP bypass
01
ADC0 to DAC0
10
ADC1 to DAC1
11
ADC0 and ADC1 to DAC0 and DAC1
DSP BYPASS GAIN FOR PGA0 REGISTER
Address: 0x002B, Reset: 0x00, Name: TALKTHRU_GAIN0
Table 72. Bit Descriptions for TALKTHRU_GAIN0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TALKTHRU_GAIN0_VAL
Sets the DAC0 volume when DSP bypass mode is enabled.
0x00
RW
DSP BYPASS GAIN FOR PGA1 REGISTER
Address: 0x002C, Reset: 0x00, Name: TALKTHRU_GAIN1
Table 73. Bit Descriptions for TALKTHRU_GAIN1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TALKTHRU_GAIN1_VAL
Sets the DAC1 volume when DSP bypass mode is enabled.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com