Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 40 of 116
CONTROL PORT
The ADAU1772 has both a 4-wire SPI control port and a 2-wire
I2C bus control port. Each can be used to set the memories and
registers. The IC defaults to I2C mode but can be put into SPI
control mode by pulling the SS pin low three times.
The control port is capable of full read/write operation for all
addressable memories and registers. Most signal processing
parameters are controlled by writing new values to the param-
eter memories using the control port. Other functions, such as
mute and input/output mode control, are programmed through
the registers.
All addresses can be accessed in either single-address mode or
burst mode. The first byte (Byte 0) of a control port write contains
the 7-bit IC address plus the R/W bit. The next two bytes (Byte 1
and Byte 2) are the 16-bit subaddress of the memory or register
location within the ADAU1772. All subsequent bytes (starting
with Byte 3) contain the data, such as register data, program
data, or parameter data. The number of bytes per word depends
on the type of data that is being written. Table 19 shows the word
length of the ADAU1772’s different data types. The exact formats
for specific types of writes are shown in Figure 85 and Figure 86.
Table 19. Data Word Sizes
Data Type
Word Size (bytes)
Registers
1
Program
2
Parameters
4
If large blocks of data need to be downloaded to the ADAU1772,
the output of the core can be halted (using the CORE_RUN bit
in the core control register (Address 0x0009)), new data can be
loaded, and then the core can be restarted. This is typically done
during the booting sequence at start-up or when loading a new
program into memory.
Registers and bits shown as reserved in the register map read back
0s. When writing to these registers and bits, such as during a burst
write across a reserved register, or when writing to reserved bits
in a register with other used bits, write 0s.
The control port pins are multifunctional, depending on the
mode in which the part is operating. Table 20 details these
multiple functions.
Table 20. Control Port Pin Functions
Pin
I2C Mode
SPI Mode
SCL/SCLK
SCL—input
SCLK—input
SDA/MISO
SDA—open-collector output
MISO—output
ADDR1/MOSI
I2C Address Bit 1—input
MOSI—input
ADDR0/SS
I2C Address Bit 0—input
SS—input
BURST MODE COMMUNICATION
Burst mode addressing, in which the subaddresses are automati-
cally incremented at word boundaries, can be used for writing
large amounts of data to contiguous memory locations. This
increment happens automatically after a single-word write unless
the control port communication is stopped (that is, a stop
condition is issued for I2C, or SS is brought high for SPI). The
registers and RAMs in the ADAU1772 range in width from one
to four bytes, so the auto-increment feature knows the mapping
between subaddresses and the word length of the destination
register (or memory location).
I2C PORT
The ADAU1772 supports a 2-wire serial (I2C-compatible)
microprocessor bus driving multiple peripherals. I2C uses two
pins—serial data (SDA) and serial clock (SCL)—to carry data
between the ADAU1772 and the system I2C master controller.
In I2C mode, the ADAU1772 is always a slave on the bus, except
when the IC is self-booting. See the Self-Boot section for details
about using the ADAU1772 in self-boot mode.
Each slave device is recognized by a unique 7-bit address. The
ADAU1772 I2C address format is shown in Table 21. The LSB of
this first byte sent from the I2C master sets either a read or write
operation. Logic Level 1 corresponds to a read operation, and
Logic Level 0 corresponds to a write operation.
Pin ADDR0 and Pin ADDR1 set the LSBs of the I2C address
(Table 22); therefore, each ADAU1772 can be set to one of four
unique addresses. This allows multiple ICs to exist on the same
I2C bus without address contention. The 7-bit I2C addresses are
shown in Table 22.
An I2C data transfer is always terminated by a stop condition.
Both SDA and SCL should have 2.0 kΩ pull-up resistors on the
lines connected to them. The voltage on these signal lines should
not be higher than IOVDD.
Table 21. I2C Address Format
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
1
1
1
ADDR1
ADDR0
Table 22. I2C Addresses
ADDR1
ADDR0
Slave Address
0
0
0x3C
0
1
0x3D
1
0
0x3E
1
1
0x3F
Addressing
Initially, each device on the I2C bus is in an idle state and
monitoring the SDA and SCL lines for a start condition and
the proper address. The I2C master initiates a data transfer by
establishing a start condition, defined by a high-to-low transition
on SDA while SCL remains high. This indicates that an address/
data stream follows. All devices on the bus respond to the start
condition and shift the next eight bits (the 7-bit address plus the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com