Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 94 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 96Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 97Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 93 of 116
PDM ENABLE REGISTER
Address: 0x0036, Reset: 0x00, Name: PDM_OUT
Table 82. Bit Descriptions for PDM_OUT
Bits
Bit Name
Settings
Description
Reset
Access
4
PDM_CTRL
Enable the control pattern in the PDM data stream.
0x0
RW
0
Disabled
1
Enabled
[3:2]
PDM_CH
Selects the channel on which the control patterns are written. These
control bits should not be changed while the PDM channel is operating
and transmitting audio.
0x0
RW
00
Both channels
01
Left channel
10
Right channel
11
Reserved
[1:0]
PDM_EN
Enable PDM output on Pin PDMOUT.
0x0
RW
00
PDM disabled
01
PDM left signal in both PDM channels
10
PDM right signal in both PDM channels
11
PDM stereo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com