Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 31 of 116
Table 13 lists common fractional PLL parameter settings for
48 kHz sampling rates. When the PLL is used in fractional
mode, it is very important that the N/M fraction be kept in
the range of 0.1 to 0.9 to ensure correct operation of the PLL.
The PLL can output a clock in the range of 20.5 MHz to 27 MHz,
which should be taken into account when calculating PLL values
and MCLK frequencies.
CLOCK OUTPUT
The CLKOUT pin can be used as a master clock output to clock
other ICs in the system or as the clock for the digital microphone
inputs and PDM output. This clock can be generated from the
12.288 MHz master clock of the ADAU1772 by factors of 2, 1,
½, ¼, and ⅛. If PDM mode is enabled, only ½, ¼, and ⅛ settings
produce a clock signal on CLKOUT. The factor of 2 multiplier
works properly only if the input clock was previously divided by
2 using the CC_MDIV bit.
POWER SEQUENCING
AVDD and IOVDD can each be set to any voltage between 1.8 V
and 3.3 V, and DVDD can be set between 1.1 V and 1.8 V or
between 1.1 V and 1.2 V if using the on-board regulator.
On power-up, AVDD must be powered up before or at the same
time as IOVDD. IOVDD should not be powered up when power is
not applied to AVDD.
Enabling the PD pin powers down all analog and digital circuits.
Before enabling PD (that is, setting it low), be sure to mute the
outputs to avoid any pops when the IC is powered down.
PD can be tied directly to IOVDD for normal operation.
Power-Down Considerations
When powering down the ADAU1772, be sure to mute the outputs
before AVDD power is removed; otherwise, pops or clicks may
be heard. The easiest way to achieve this is to use a regulator that
has a power good (PGOOD) signal to power the ADAU1772 or
generate a power good signal using additional circuitry external
to the regulator itself. Typically, on such regulators the power good
signal changes state when the regulated voltage drops below ~90%
of its target value. This power good signal can be connected to one
of the ADAU1772 multipurpose pins and used to mute the DAC
outputs by setting the multipurpose pin functionality to mute
both DACs in Register 0x0038 to Register 0x003E. This ensures
that the outputs are muted before power is completely removed.
Table 12. Integer PLL Parameter Settings for PLL Output = 24.576 MHz
MCLK Input (MHz)
Input Divider
(X + 1)
Integer (R)
Denominator (M)
Numerator (N)
PLL_CTRL4 Settings
(Address 0x0005)
12.288
1
4
Don’t care
Don’t care
0x20
24.576
1
2
Don’t care
Don’t care
0x10
Table 13. Fractional PLL Parameter Settings for PLL Output = 24.576 MHz
MCLK
Input
(MHz)
Input
Divider
(X + 1)
PLL_CTRL[4:0] Settings
(Address 0x0005 to Address 0x0001)
Integer
(R)
Denominator
(M)
Numerator
(N)
PLL_CTRL4
(0x0005)
PLL_CTRL3
(0x0004)
PLL_CTRL2
(0x0003)
PLL_CTRL1
(0x0002)
PLL_CTRL0
(0x0001)
8
1
6
125
18
0x31
0x12
0x00
0x7D
0x00
13
1
3
1625
1269
0x19
0xF5
0x04
0x59
0x06
14.4
2
6
75
62
0x33
0x3E
0x00
0x4B
0x00
19.2
2
5
25
3
0x2B
0x03
0x00
0x19
0x00
26
2
3
1625
1269
0x1B
0xF5
0x04
0x59
0x06
27
2
3
1125
721
0x1B
0xD1
0x02
0x65
0x04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com