Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 53 of 116
REGISTER DETAILS
CLOCK CONTROL REGISTER
Address: 0x0000, Reset: 0x00, Name: CLK_CONTROL
This register is used to enable the internal clocks.
Table 30. Bit Descriptions for CLK_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
7
PLL_EN
Enable PLL. When this bit is set to 0, the PLL is powered down and the PLL
output clock is disabled. The PLL should not be enabled until after all the
PLL control settings (Register PLL_CTRL0 to Register PLL_CTRL5) have been
set. The PLL clock output is active when both PLL_EN = 1 and COREN = 1.
0x0
RW
0
PLL disabled
1
PLL enabled
5
SPK_FLT_DIS
Disable I2C spike filter. By default, the SDA and SCL inputs have a 50 ns
spike suppression filter. When the control interface is in SPI mode, this
filter is disabled regardless of this setting.
0x0
RW
0
I2C spike filter enabled
1
I2C spike filter disabled
4
XTAL_DIS
Disable crystal oscillator.
0x0
RW
0
Crystal oscillator enabled
1
Crystal oscillator disabled
3
CLKSRC
Main clock source.
0x0
RW
0
External pin drives main clock.
1
PLL drives main clock. This bit should only be set after LOCK in
Register PLL_CTRL5 has gone high.
2
CC_CDIV
SCLK divider control. The core clock (SCLK) is used only by the core. It
must run at 12.288 MHz.
0x0
RW
0
Div 2: divide PLL/external clock by 2
1
Div 1: divide PLL/external clock by 1
1
CC_MDIV
MCLK divider control. The internal master clock (MCLK) of the IC is used by
all digital logic except the core. It must run at 12.288 MHz.
0x0
RW
0
Div 2: divide PLL/external clock by 2
1
Div 1: divide PLL/external clock by 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com