Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 19 of 116
Figure 22. Relative Level vs. Frequency,
fS = 48 kHz, Signal Path = AIN0 to ASRC to ADC_SDATA0
Figure 23. Phase vs. Frequency, 20 kHz Bandwidth,
fS = 48 kHz, Signal Path = AIN0 to ASRC to ADC_SDATA0
Figure 24. Relative Level vs. Frequency,
fS = 96 kHz, Signal Path = AIN0 to ASRC to ADC_SDATA0
Figure 25. Group Delay vs. Frequency,
fS = 48 kHz, Signal Path = AIN0 to ASRC to ADC_SDATA0
Figure 26. Phase vs. Frequency, 2 kHz Bandwidth,
fS = 48 kHz, Signal Path = AIN0 to ASRC to ADC_SDATA0
Figure 27. Group Delay vs. Frequency,
fS = 96 kHz, Signal Path = AIN0 to ASRC to ADC_SDATA0
0.04
–0.20
–0.18
–0.16
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
100
1k
10k
FREQUENCY (Hz)
200
–1200
–1100
–1000
–900
–800
–700
–600
–500
–400
–300
–200
–100
0
100
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (kHz)
0.4
–2.2
–2.0
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
100
1k
10k
FREQUENCY (Hz)
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (kHz)
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (kHz)
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
0
4
8
12
16
20
24
28
32
36
40
FREQUENCY (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com