Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 91 of 116
SERIAL PORT CONTROL 1 REGISTER
Address: 0x0033, Reset: 0x00, Name: SAI_1
Using 16-bit serial I/O limits device performance.
Table 80. Bit Descriptions for SAI_1
Bits
Bit Name
Settings
Description
Reset
Access
7
TDM_TS
Select whether to tristate unused TDM channels or to actively drive these
data slots.
0x0
RW
0
Unused outputs driven
1
Unused outputs tristated
6
BCLK_TDMC
Bit width in TDM mode.
0x0
RW
0
24-bit data in each TDM channel
1
16-bit data in each TDM channel
5
LR_MODE
Sets LRCLK mode.
0x0
RW
0
50% duty cycle clock
1
Pulse—LRCLK is a single BCLK cycle wide pulse
4
LR_POL
Sets LRCLK polarity.
0x0
RW
0
50%: when LRCLK goes low and then high, pulse mode is short positive pulse
1
50%: when LRCLK goes high and then low, pulse mode is short negative pulse
3
SAI_MSB
Sets data to be input/output either MSB or LSB first.
0x0
RW
0
MSB first data
1
LSB first data
2
BCLKRATE
Sets the number of bit clock cycles per data channel.
0x0
RW
0
32 BCLK cycles/channel
1
16 BCLK cycles/channel
1
BCLKEDGE
Sets the bit clock edge on which data changes.
0x0
RW
0
Data changes on falling edge
1
Data changes on rising edge
0
SAI_MS
Sets the serial port into master or slave mode.
0x0
RW
0
LRCLK/BCLK slave
1
LRCLK/BCLK master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com