Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 83 of 116
PGA SLEW CONTROL REGISTER
Address: 0x0027, Reset: 0x00, Name: PGA_STEP_CONTROL
If PGA slew is disabled with the SLEW_PDx controls, the SLEW_RATE parameter is ignored for that PGA block.
Table 68. Bit Descriptions for PGA_STEP_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[5:4]
SLEW_RATE
Controls how fast the PGA is slewed when changing gain.
0x0
RW
00
21.5 ms
01
42.5 ms
10
85 ms
3
SLEW_PD3
PGA3 slew disable.
0x0
RW
0
PGA slew enabled
1
PGA slew disabled
2
SLEW_PD2
PGA2 slew disable.
0x0
RW
0
PGA slew enabled
1
PGA slew disabled
1
SLEW_PD1
PGA1 slew disable.
0x0
RW
0
PGA slew enabled
1
PGA slew disabled
0
SLEW_PD0
PGA0 slew disable.
0x0
RW
0
PGA slew enabled
1
PGA slew disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com