Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 44 of 116
SELF-BOOT
The ADAU1772 boots up from an EEPROM over the I2C bus
when the SELFBOOT pin is set high at power-up and the PD
pin is set high. The state of the SELFBOOT pin is checked only
when the ADAU1772 comes out of a reset via the PD pin, and
the EEPROM is not used after a self-boot is complete. During
booting, ensure that there is a stable DVDD in the system. The
PD pin should remain high during the self-boot operation. The
master SCL clock output from the ADAU1772 is derived from
the input clock on XTALI/MCLKIN. A divide-by-64 circuit
ensures that the SCL output frequency during the self-boot
operation is never greater than 400 kHz for most input clock
frequencies. With the external master clock to the ADAU1772
being between 12 MHz and 27 MHz, the SCL frequency ranges
from 176 kHz to 422 kHz. If the self-boot EEPROM is not rated
for operation above 400 kHz, be sure to use a master clock that
is no faster than 25.6 MHz.
Table 25 shows the list of instructions that are possible during
an ADAU1772 self-boot. The 0x01 and 0x05 instruction bytes
are used to load the register, program, and parameter settings.
EEPROM Size
The self-boot circuit is compatible with an EEPROM that has a
2-byte address. For most EEPROM families, a 2-byte address is
used on devices that are 32 kB or larger. The EEPROM must be
set to Address 0x50. Examples of two compatible EEPROMs
include Atmel AT24C32D and STMicroelectronics M24C32-F.
Table 24 lists the maximum necessary EEPROM size, assuming
that there is 100% utilization of the program and parameters
(both banks). There is inherently some overhead for instructions
to control the self-boot procedure.
Table 24. Maximum EEPROM Size
ADAU1772
Memory Blocks
Word Size
(Bytes per
Word)
Words
Total EEPROM
Space Requirement
(Bytes)
Program
2
32
64
Bank 0 Parameters
4
160 (32 × 5)
640
Bank 1 Parameters
4
160
640
Registers
1
65
65
Total Bytes
1409
CRC
An 8-bit CRC validates the content of the EEPROM. This CRC is
strong enough to detect single error bursts of up to eight bits in size.
The terminate self-boot instruction (0x00 instruction byte) must
be followed by a CRC byte. The CRC is generated using all of the
EEPROM bytes from Address 0x0000 to the last 0x00 instruction
byte. The polynomial for the CRC is
1
2
8
x
x
x
If the CRC is incorrect or if an unrecognized instruction byte is
read during self-boot, the boot process is immediately stopped
and restarted after a 250 ms delay (for a 12.288 MHz input clock).
When SigmaStudio is used, the CRC byte is generated auto-
matically when a configuration is downloaded to the EEPROM.
Delay
The delay instruction (0x02 instruction byte) delays by the
16-bit setting × 2048 clock cycles.
Boot Time
The time to self-boot the ADAU1772 from an EEPROM can be
calculated using the following equation:
Boot Time = 64/MCLK Frequency × Total Bytes + Wait Time
The self-boot operation starts after 16,568 clock cycles are seen on
the XTALI/MCLKIN pin after PD is set high. With a 12.288 MHz
clock, this corresponds to approximately a 1.35 ms wait time
from power-up. This delay ensures that the crystal used for
generating the master clock has ramped up to a stable oscillation.
Table 25. EEPROM Self-Boot Instructions
Instruction
Byte ID
Instruction Byte
Description
Following Bytes
0x00
End self-boot
CRC
0x01
Write multibyte length
minus two bytes, starting
at target address
Length (high byte),
length (low byte),
address (high byte),
address (low byte),
data (0), data (1), ...
data (length – 3)
0x02
Delays by the 16-bit setting
× 2048 clock cycles
Delay (high byte),
delay (low byte)
0x03
No operation
None
0x04
Wait for PLL lock
None
0x05
Write single byte to target
address
Address (high byte),
address (low byte), data
Figure 91. A List of Example Self-Boot EEPROM Instructions
0x1A
0x2B
0x3C
0x04
0x03
0x00
DATA
(0)
DATA
(1)
DATA
(LENGTH – 3)
PLL LOCK
NO OP
END
PROGRAM RAM DATA
0x02
0x00
0x04
0x01
0x00
0x05
0x00
0x80
DELAY
DELAY
(HIGH BYTE)
DELAY
(LOW BYTE)
WRITE
LENGTH
(HIGH BYTE)
LENGTH
(LOW BYTE)
ADDRESS
(HIGH BYTE)
ADDRESS
(LOW BYTE)
DELAY LENGTH
LENGTH
PROGRAM RAM ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com