Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 55 of 116
Table 33. Bit Descriptions for PLL_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
N_MSB
PLL numerator MSB.
0x00
RW
PLL NUMERATOR LSB REGISTER
Address: 0x0004, Reset: 0x00, Name: PLL_CTRL3
This register should only be written when PLL_EN = 0 in Register CLK_CONTROL.
Table 34. Bit Descriptions for PLL_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
N_LSB
PLL numerator LSB.
0x00
RW
PLL INTEGER SETTING REGISTER
Address: 0x0005, Reset: 0x00, Name: PLL_CTRL4
This register should only be written when PLL_EN = 0 in Register CLK_CONTROL.
Table 35. Bit Descriptions for PLL_CTRL4
Bits
Bit Name
Settings
Description
Reset
Access
[6:3]
R
PLL integer setting.
0x0
RW
0000
Reserved
0001
Reserved
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com