Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 90 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 89 of 116
Table 77. Bit Descriptions for DAC1_VOLUME
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DAC_1_VOL
DAC1 volume setting.
0x00
RW
00000000
0 dB
00000001
−0.375 dB
11111111
−95.625 dB
HEADPHONE OUTPUT MUTES REGISTER
Address: 0x0031, Reset: 0x0F, Name: OP_STAGE_MUTES
Table 78. Bit Descriptions for OP_STAGE_MUTES
Bits
Bit Name
Settings
Description
Reset
Access
[3:2]
HP_MUTE_R
Mute the right output pins. When a pin is muted, it can be used as a
common-mode output.
0x3
RW
00
Outputs unmuted
01
HPOUTRP/LOUTRP muted, HPOUTRN/LOUTRN unmuted
10
HPOUTRP/LOUTRP unmuted, HPOUTRN/LOUTRN muted
11
Both output pins muted
[1:0]
HP_MUTE_L
Mute the left output pins. When a pin is muted, it can be used as a
common-mode output.
0x3
RW
00
Outputs unmuted
01
HPOUTLP/LOUTLP muted, HPOUTLN/LOUTLN unmuted
10
HPOUTLP/LOUTLP unmuted, HPOUTLN/LOUTLN muted
11
Both output pins muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com