Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 10 of 116
DIGITAL TIMING SPECIFICATIONS
−40°C < TA < +85°C, IOVDD = 1.71 V to 3.63 V, DVDD = 1.045 V to 1.98 V.
Table 7. Digital Timing
Limit
Parameter
TMIN
TMAX
Unit
Description
MASTER CLOCK
tMP
37
125
ns
MCLKIN period; 8 MHz to 27 MHz input clock using PLL
tMCLK
77
82
ns
Internal MCLK period; direct MCLK and PLL output divided by 2
SERIAL PORT
tBL
40
ns
BCLK low pulse width (master and slave modes)
tBH
40
ns
BCLK high pulse width (master and slave modes)
tLS
10
ns
LRCLK setup; time to BCLK rising (slave mode)
tLH
10
ns
LRCLK hold; time from BCLK rising (slave mode)
tSS
5
ns
DAC_SDATA setup; time to BCLK rising (master and slave modes)
tSH
5
ns
DAC_SDATA hold; time from BCLK rising (master and slave modes)
tTS
10
ns
BCLK falling to LRCLK timing skew (master mode)
tSOD
0
34
ns
ADC_SDATAx delay; time from BCLK falling (master and slave modes)
tSOTD
30
ns
BCLK falling to ADC_SDATAx driven in TDM tristate mode
tSOTX
30
ns
BCLK falling to ADC_SDATAx tristated in TDM tristate mode
SPI PORT
fSCLK
6.25
MHz
SCLK frequency
tCCPL
80
ns
SCLK pulse width low
tCCPH
80
ns
SCLK pulse width high
tCLS
5
ns
SS setup; time to SCLK rising
tCLH
100
ns
SS hold; time from SCLK rising
tCLPH
80
ns
SS pulse width high
tCDS
10
ns
MOSI setup; time to SCLK rising
tCDH
10
ns
MOSI hold; time from SCLK rising
tCOD
101
ns
MISO delay; time from SCLK falling
I2C PORT
fSCL
400
kHz
SCL frequency
tSCLH
0.6
µs
SCL high
tSCLL
1.3
µs
SCL low
tSCS
0.6
µs
SCL rise setup time (to SDA falling), relevant for repeated start
condition
tSCR
250
ns
SCL and SDA rise time, CLOAD = 400 pF
tSCH
0.6
µs
SCL fall hold time (from SDA falling), relevant for start condition
tDS
100
ns
SDA setup time (to SCL rising)
tSCF
250
ns
SCL fall time; CLOAD = 400 pF
tSDF
250
ns
SDA fall time; CLOAD = 400 pF
tBFT
0.6
µs
SCL rise setup time (to SDA rising), relevant for stop condition
I2C EEPROM SELF-BOOT
tSCHE
26 × tMP – 70
ns
SCL fall hold time (from SDA falling), relevant for start condition; tMP
is the input clock on the MCLKIN pin
tSCSE
38 × tMP – 70
ns
SCL rise setup time (to SDA falling), relevant for repeated start
condition
tBFTE
70 × tMP – 70
ns
SCL rise setup time (to SDA rising), relevant for stop condition
tDSE
6 × tMP – 70
ns
Delay from SCL falling to SDA changing
tBHTE
32 × tMP
ns
SDA rising in self-boot stop condition to SDA falling edge for
external master start condition
MULTIPURPOSE AND POWER-
DOWN PINS
tGIL
1.5 × 1/fS
µs
MPx input latency; time until high or low value is read by core
tRLPW
20
ns
PD low pulse width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com