Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 36 of 116
The ADAU1772 has the ability to output PDM control patterns to
configure devices such as the SSM2517. Each pattern is a byte long
and is written with a user defined pattern in the PDM_PATTERN
register (Address 0x0037). The control pattern is enabled and
the output channel selection is configured in the PDM_OUT
register (Address 0x0036). The PDM pattern should not be
changed while the ADAU1772 is outputting the control pattern
to the external device. After the external device is configured,
the control pattern can be disabled. For the SSM2517, the
control pattern must be repeated a minimum of 128 times to
configure the part. Table 14 describes typical control patterns
for the SSM2517.
Table 14. SSM2517 PDM Control Pattern Descriptions
Pattern
Control Description
0xAC
Power-down. All blocks off except for the PDM
interface. Normal start-up time.
0xD8
Gain optimized for PVDD = 5 V operation. Overrides
GAIN_FS pin setting.
0xD4
Gain optimized for PVDD = 3.6 V operation. Overrides
GAIN_FS pin setting.
0xD2
Gain optimized for PVDD = 2.5 V operation. Overrides
GAIN_FS pin setting.
0xD1
fS set to opposite value determined by GAIN_FS pin.
0xE1
Ultralow EMI mode.
0xE2
Half clock cycle pulse mode for power savings.
0xE4
Special 32 kHz/128 × fS operation mode.
ASYNCHRONOUS SAMPLE RATE CONVERTERS
The ADAU1772 includes asynchronous sample rate converters
(ASRCs) to enable synchronous full-duplex operation of the
serial ports. Two stereo ASRCs are available for the digital outputs,
and one stereo ASRC is available for the digital input signals.
The ASRCs can convert serial output data from the core rate of
up to 192 kHz back down to less than 8 kHz. All intermediate
frequencies and ratios are also supported.
SIGNAL LEVELS
The ADCs, DACs, and ASRCs have fixed gain settings that should
be considered when configuring the system. These settings were
chosen to maximize performance of the converters and to ensure
that there is 0 dB gain for any signal path from the input of the
ADAU1772 to its output. Therefore, the full-scale level of a signal
in the processing core will be slightly different from a full-scale
level external to the IC.
Input paths, such as through the ADCs and input ASRCs, are
scaled by 0.75, or about −2.5 dB. Output paths, such as through
the DACs or output ASRCs, are scaled by 1.33, or about 2.5 dB.
This is shown in Figure 82.
Figure 82. Signal Level Diagram
Because of this input and output scaling, output signals from
the core should be limited to −2.5 dB full scale to prevent the
DACs and ASRCs from clipping.
ADC
INPUT
ASRCS
–2.5dB
DAC
+2.5dB
–2.5dB
OUTPUT
ASRCS
+2.5dB
CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com