Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 59Page - STMicroelectronics ST92F120 Datasheet HTML 60Page - STMicroelectronics ST92F120 Datasheet HTML 61Page - STMicroelectronics ST92F120 Datasheet HTML 62Page - STMicroelectronics ST92F120 Datasheet HTML 63Page - STMicroelectronics ST92F120 Datasheet HTML 64Page - STMicroelectronics ST92F120 Datasheet HTML 65Page - STMicroelectronics ST92F120 Datasheet HTML 66Page - STMicroelectronics ST92F120 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 324 page
background image
63/324
ST92F120 - REGISTER AND MEMORY MAP
23
JBLPD
R240
STATUS
Status Register
40
259
R241
TXDATA
Transmit Data Register
xx
260
R242
RXDATA
Receive Data Register
xx
261
R243
TXOP
Transmit Opcode Register
00
261
R244
CLKSEL
System Frequency Selection Register
00
266
R245
CONTROL
Control Register
40
266
R246
PADDR
Physiscal Address Register
xx
267
R247
ERROR
Error Register
00
268
R248
IVR
Interrupt Vector Register
xx
270
R249
PRLR
Priority Level Register
10
270
R250
IMR
Interrupt Mask Register
00
270
R251
OPTIONS
Options and Register Group Selection
00
272
R252
CREG0
Current Register 0
xx
274
R253
CREG1
Current Register 1
xx
274
R254
CREG2
Current Register 2
xx
274
R255
CREG3
Current Register 4
xx
274
24
SCI0
R240
RDCPR0
Receiver DMA Transaction Counter Pointer
xx
194
R241
RDAPR0
Receiver DMA Source Address Pointer
xx
194
R242
TDCPR0
Transmitter DMA Transaction Counter Pointer
xx
194
R243
TDAPR0
Transmitter DMA Destination Address Pointer
xx
194
R244
S_IVR0
Interrupt Vector Register
xx
196
R245
ACR0
Address/Data Compare Register
xx
196
R246
IMR0
Interrupt Mask Register
x0
196
R247
S_ISR0
Interrupt Status Register
xx
196
R248
RXBR0
Receive Buffer Register
xx
198
R248
TXBR0
Transmitter Buffer Register
xx
198
R249
IDPR0
Interrupt/DMA Priority Register
xx
199
R250
CHCR0
Character Configuration Register
xx
200
R251
CCR0
Clock Configuration Register
00
201
R252
BRGHR0
Baud Rate Generator High Reg.
xx
202
R253
BRGLR0
Baud Rate Generator Low Register
xx
202
R254
SICR0
Synchronous Input Control
03
202
R255
SOCR0
Synchronous Output Control
01
203
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com