Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 38Page - STMicroelectronics ST92F120 Datasheet HTML 39Page - STMicroelectronics ST92F120 Datasheet HTML 40Page - STMicroelectronics ST92F120 Datasheet HTML 41Page - STMicroelectronics ST92F120 Datasheet HTML 42Page - STMicroelectronics ST92F120 Datasheet HTML 43Page - STMicroelectronics ST92F120 Datasheet HTML 44Page - STMicroelectronics ST92F120 Datasheet HTML 45Page - STMicroelectronics ST92F120 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 324 page
background image
42/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3.3 REGISTER DESCRIPTION
3.3.1 Control Registers
FLASH CONTROL REGISTER (FCR)
Address: 224000h - Read/Write
Reset value: 0000 0000 (00h)
The Flash Control Register is used to enable all
the operations for the Flash and the TestFlash
memories. The write access to the TestFlash is
possible only in Test mode, except the OTP area
of the TestFlash that can be programmed in user
mode (but not erased).
Bit 7 = FWMS:
Flash Write Mode Start (Read/
Write).
This bit must be set to start every write/erase oper-
ation in Flash memory. At the end of the write/
erase operation or during a Sector Erase Suspend
this bit is automatically reset. To resume a sus-
pended Sector Erase operation, this bit must be
set again. Resetting this bit by software does not
stop the current write operation.
0: No effect
1: Start Flash write
Bit 6 = FPAGE:
Flash Page program (Read/Write).
This bit must be set to select the Page Program
operation in Flash memory. The Page Program
operation allows to program “0”s in place of “1”s.
From 1 to 16 bytes can be entered (in any order,
no need for an ordered address sequence) before
starting the execution by setting the FWMS bit . All
the addresses must belong to the same page (only
the 4 LSBs of address can change). Data to be
programmed and addresses in which to program
must be provided (through an LD instruction, for
example). Data contained in page addresses that
are not entered are left unchanged. This bit is au-
tomatically reset at the end of the Page Program
operation.
0: Deselect page program
1: Select page program
Bit 5 = FCHIP:
Flash CHIP erase (Read/Write).
This bit must be set to select the Chip Erase oper-
ation in Flash memory. The Chip Erase operation
allows to erase all the Flash locations to FFh. The
operation is limited to Flash code (sectors F0-F3;
TestFlash and EEPROM sectors excluded). The
execution starts by setting the FWMS bit. It is not
necessary to pre-program the sectors to 00h, be-
cause this is done automatically. This bit is auto-
matically reset at the end of the Chip Erase opera-
tion.
0: Deselect chip erase
1: Select chip erase
Bit 4 = FBYTE:
Flash byte program (Read/Write).
This bit must be set to select the Byte Program op-
eration in Flash memory. The Byte Program oper-
ation allows “0”s to be programmedin place of “1”s.
Data to be programmed and an address in which
to program must be provided (through an LD in-
struction, for example) before starting execution
by setting bit FWMS. This bit is automatically reset
at the end of the Byte Program operation.
0: Deselect byte program
1: Select byte program
Bit 3 = FSECT:
Flash sector erase (Read/Write).
This bit must be set to select the Sector Erase op-
eration in Flash memory. The Sector Erase opera-
tion erases all the Flash locations to FFh. From 1
to 4 sectors (F0, ..,F3) can be simultaneously
erased, while TF must be individually erased. Sec-
tors to be simultaneously erased can be entered
before starting the execution by setting the FWMS
bit. An address located in the sector to erase must
be provided (through an LD instruction, for exam-
ple), while the data to be provided is don’t care. It
is not necessary to pre-program the sectors to
00h, because this is done automatically. This bit is
automatically reset at the end of the Sector Erase
operation.
0: Deselect sector erase
1: Select sector erase
Bit 2 = FSUSP:
Flash sector erase suspend
(Read/Write).
This bit must be set to suspend the current Sector
Erase operation in Flash memory in order to read
data to or from program data to a sector not being
erased. The Erase Suspend operation resets the
Flash memory to normal read mode (automatically
resetting bit FBUSY) in a maximum time of 15
µs.
76543210
FWM
S
FPAG
E
FCHI
P
FBYT
E
FSEC
T
FSUS
P
PROT
FBUS
Y
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com