Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 37Page - STMicroelectronics ST92F120 Datasheet HTML 38Page - STMicroelectronics ST92F120 Datasheet HTML 39Page - STMicroelectronics ST92F120 Datasheet HTML 40Page - STMicroelectronics ST92F120 Datasheet HTML 41Page - STMicroelectronics ST92F120 Datasheet HTML 42Page - STMicroelectronics ST92F120 Datasheet HTML 43Page - STMicroelectronics ST92F120 Datasheet HTML 44Page - STMicroelectronics ST92F120 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 324 page
background image
41/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
FUNCTIONAL DESCRIPTION (Cont’d)
3.2.3 Operation
The memory has a register interface mapped in
memory space (segment 22h). All operations are
enabled through the FCR (Flash Control Register)
ECR (EEPROM Control Register).
All operations on the Flash must be executed from
another memory (internal RAM, EEPROM, exter-
nal memory).
Flash (including TestFlash) and EEPROM have
duplicated sense amplifiers, so that one can be
read while the other is written. However simultane-
ous Flash and EEPROM write operations are for-
bidden.
An interrupt can be generated at the end of a
Flash or an EEPROM write operation: this inter-
rupt is multiplexed with an external interrupt EX-
TINTx (device dependent) to generate an interrupt
INTx.
The status of a write operation inside the Flash
and the EEPROM memories can be monitored
through the FESR[1:0] registers.
Control and Status registers are mapped in mem-
ory (segment 22h), as shown in the following fig-
ure.
Figure 22. Control and Status Register Map
During a write operation, if the power supply drops
or the RESET pin is activated, the write operation
is immediately interrupted. In this case the user
must repeat the last write operation following pow-
er on or reset.
224000h
224001h
Register Interface
224002h
FCR
ECR
FESR0
FESR1
224003h
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com