Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 43Page - STMicroelectronics ST92F120 Datasheet HTML 44Page - STMicroelectronics ST92F120 Datasheet HTML 45Page - STMicroelectronics ST92F120 Datasheet HTML 46Page - STMicroelectronics ST92F120 Datasheet HTML 47Page - STMicroelectronics ST92F120 Datasheet HTML 48Page - STMicroelectronics ST92F120 Datasheet HTML 49Page - STMicroelectronics ST92F120 Datasheet HTML 50Page - STMicroelectronics ST92F120 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 324 page
background image
47/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3.4 WRITE OPERATION EXAMPLE
Each operation (both Flash and EEPROM) is acti-
vated by a sequence of instructions like the follow-
ing:
OR
CR, #OPMASK
;Operation selection
LD
ADD1, #DATA1 ;1st Add and Data
LD
ADD2, #DATA2 ;2nd Add and Data
..
...., ......
LD
ADDn, #DATAn ;nth Add and Data
;n range = (1 to 16)
OR
CR, #80h
;Operation start
The first instruction is used to select the desired
operation by setting its corresponding selection bit
in the Control Register (FCR for Flash operations,
ECR for EEPROM operations).
The load instructions are used to set the address-
es (in the Flash or in the EEPROM memory space)
and the data to be modified.
The last instruction is used to start the write oper-
ation, by setting the start bit (FWMS for Flash op-
erations, EWMS for EEPROM operation) in the
Control register.
Once selected, but not yet started, one operation
can be cancelled by resetting the operation selec-
tion bit. Any latched address and data will be reset.
Caution: during the Flash Page Program or the
EEPROM Page Update operation it is forbidden to
change the page address: only the last page ad-
dress is effectively kept and all programming will
effect only that page.
A summary of the available Flash and EEPROM
write operations are shown in the following tables:
Table 10. Flash Write Operations
Table 11. EEPROM Write Operations
Operation
Selection bit
Addresses and Data
Start bit
Typical Duration
Byte Program
FBYTE
1 byte
FWMS
10
µs
Page Program
FPAGE
From 1 to 16 bytes
FWMS
160
µs (16 bytes)
Sector Erase
FSECT
From 1 to 4 sectors
FWMS
1.5 s (1 sector)
Sector Erase Suspend
FSUSP
None
None
15
µs
Chip Erase
FCHIP
None
FWMS
3 s
Set Protection
PROT
From 1 to 4 bytes
FWMS
40
µs (4 bytes)
Operation
Selection bit
Addresses and Data
Start bit
Typical Duration
Page Update
EPAGE
From 1 to 16 bytes
EWMS
30 ms
Chip Erase
ECHIP
None
EWMS
70 ms
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com