Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 89Page - STMicroelectronics ST92F120 Datasheet HTML 90Page - STMicroelectronics ST92F120 Datasheet HTML 91Page - STMicroelectronics ST92F120 Datasheet HTML 92Page - STMicroelectronics ST92F120 Datasheet HTML 93Page - STMicroelectronics ST92F120 Datasheet HTML 94Page - STMicroelectronics ST92F120 Datasheet HTML 95Page - STMicroelectronics ST92F120 Datasheet HTML 96Page - STMicroelectronics ST92F120 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 324 page
background image
93/324
ST92F120 - ON-CHIP DIRECT MEMORY ACCESS (DMA)
6.6 DMA REGISTERS
As each peripheral DMA channel has its own spe-
cific control registers, the following register list
should be considered as a general example. The
names and register bit allocations shown here
may be different from those found in the peripheral
chapters.
DMA COUNTER POINTER REGISTER (DCPR)
Read/Write
Address set by Peripheral
Reset value: undefined
Bit 7:1 = C[7:1]:
DMA Transaction Counter Point-
er.
Software should write the pointer to the DMA
Transaction Counter in these bits.
Bit 0 = RM:
Register File/Memory Selector.
This bit is set and cleared by software.
0: DMA transactions are with memory (see also
DAPR.DP)
1: DMA transactions are with the Register File
GENERIC EXTERNAL PERIPHERAL INTER-
RUPT AND DMA CONTROL (IDCR)
Read/Write
Address set by Peripheral
Reset value: undefined
Bit 5 = IP:
Interrupt Pending.
This bit is set by hardware when the Trigger Event
occurs. It is cleared by hardware when the request
is acknowledged. It can be set/cleared by software
in order to generate/cancel a pending request.
0: No interrupt pending
1: Interrupt pending
Bit 4 = DM:
DMA Request Mask.
This bit is set and cleared by software. It is also
cleared when the transaction counter reaches
zero (unless SWAP mode is active).
0: No DMA request is generated when IP is set.
1: DMA request is generated when IP is set
Bit 3 = IM:
End of block Interrupt Mask.
This bit is set and cleared by software.
0: No End of block interrupt request is generated
when IP is set
1: End of Block interrupt is generated when IP is
set. DMA requests depend on the DM bit value
as shown in the table below.
Bit 2:0 = PRL[2:0]:
Source Priority Level.
These bits are set and cleared by software. Refer
to Section 6.2 DMA PRIORITY LEVELS for a de-
scription of priority levels.
DMA ADDRESS POINTER REGISTER (DAPR)
Read/Write
Address set by Peripheral
Reset value: undefined
Bit 7:1 = A[7:1]:
DMA Address Register(s) Pointer
Software should write the pointer to the DMA Ad-
dress Register(s) in these bits.
Bit 0 = PS:
Memory Segment Pointer Selector:
This bit is set and cleared by software. It is only
meaningful if DCPR.RM=0.
0: The ISR register is used to extend the address
of data transferred by DMA (see MMU chapter).
1: The DMASR register is used to extend the ad-
dress of data transferred by DMA (see MMU
chapter).
70
C7
C6
C5
C4
C3
C2
C1
RM
70
IP
DM
IM
PRL2 PRL1 PRL0
DM IM Meaning
10
A DMA request generated without End of Block
interrupt when IP=1
11
A DMA request generated with End of Block in-
terrupt when IP=1
00
No End of block interrupt or DMA request is
generated when IP=1
01
An End of block Interrupt is generated without
associated DMA request (not used)
PRL2 PRL1 PRL0 Source Priority Level
0000 Highest
0011
0102
0113
1004
1015
1106
1117 Lowest
70
A7
A6
A5
A4
A3
A2
A1
PS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com