Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 56Page - STMicroelectronics ST92F120 Datasheet HTML 57Page - STMicroelectronics ST92F120 Datasheet HTML 58Page - STMicroelectronics ST92F120 Datasheet HTML 59Page - STMicroelectronics ST92F120 Datasheet HTML 60Page - STMicroelectronics ST92F120 Datasheet HTML 61Page - STMicroelectronics ST92F120 Datasheet HTML 62Page - STMicroelectronics ST92F120 Datasheet HTML 63Page - STMicroelectronics ST92F120 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 324 page
background image
60/324
ST92F120 - REGISTER AND MEMORY MAP
3
I/O
Port
4
R240
P4C0
Port 4 Configuration Register 0
FD
118
R241
P4C1
Port 4 Configuration Register 1
00
R242
P4C2
Port 4 Configuration Register 2
00
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
FF
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
I/O
Port
6
R248
P6C0
Port 6 Configuration Register 0
3F
R249
P6C1
Port 6 Configuration Register 1
00
R250
P6C2
Port 6 Configuration Register 2
00
R251
P6DR
Port 6 Data Register
FF
I/O
Port
7
R252
P7C0
Port 7 Configuration Register 0
FF
R253
P7C1
Port 7 Configuration Register 1
00
R254
P7C2
Port 7 Configuration Register 2
00
R255
P7DR
Port 7 Data Register
FF
7
SPI
R240
SPDR0
SPI0 Data Register
00
214
R241
SPCR0
SPI0 Control Register
00
214
R242
SPSR0
SPI0 Status Register
00
215
R243
SPPR0
SPI0 Prescaler Register
00
215
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com