Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 10Page - STMicroelectronics ST92F120 Datasheet HTML 11Page - STMicroelectronics ST92F120 Datasheet HTML 12Page - STMicroelectronics ST92F120 Datasheet HTML 13Page - STMicroelectronics ST92F120 Datasheet HTML 14Page - STMicroelectronics ST92F120 Datasheet HTML 15Page - STMicroelectronics ST92F120 Datasheet HTML 16Page - STMicroelectronics ST92F120 Datasheet HTML 17Page - STMicroelectronics ST92F120 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 324 page
background image
14/324
ST92F120 - GENERAL DESCRIPTION
1.3 I/O PORTS
Port 0 and Port 1 provide the external memory in-
terface. All the ports of the device can be pro-
grammed as Input/Output or in Input mode, com-
patible with TTL or CMOS levels (except where
Schmitt Trigger is present). Each bit can be pro-
grammed individually (Refer to the I/O ports chap-
ter).
Internal Weak Pull-up
As shown in Table 3, not all input sections imple-
ment a Weak Pull-up. This means that the pull-up
must be connected externally when the pin is not
used or programmed as bidirectional.
TTL/CMOS Input
For all those port bits where no input schmitt trig-
ger is implemented, it is always possible to pro-
gram the input level as TTL or CMOS compatible
by programming the relevant PxC2.n control bit.
Refer I/O Ports Chapter to the section titled “Input/
Output Bit Configuration”.
Schmitt Trigger Input
Two different kind of Schmitt Trigger circuitries are
implemented: Standard and High Hysteresis.
Standard Schmitt Trigger is widely used (see Ta-
ble 3), while the High Hysteresis one is present on
the NMI and VPWI input function pins mapped on
Port 6 [5:4] (see Table 4).
All inputs which can be used for detecting interrupt
events have been configured with a “standard”
Schmitt Trigger, apart from, as already said, the
NMI pin which implements the “High Hysteresis”
version. In this way, all interrupt lines are guaran-
teed as “level sensitive”.
Push-Pull/OD Output
The output buffer can be programmed as push-
pull or open-drain: attention must be paid to the
fact that the open-drain option corresponds only to
a disabling of P-channel MOS transistor of the
buffer itself: it is still present and physically con-
nected to the pin. Consequently it is not possible to
increase the output voltage on the pin over
VDD+0.3 Volt, to avoid direct junction biasing.
Pure Open-Drain Output
The user can increase the voltage on an I/O pin
over VDD+0.3 Volt where the P-channel MOS tran-
sistor is physically absent: this is allowed on all
“Pure Open Drain” pins. Of course, in this case the
push-pull option is not available and any weak
pull-up must implemented externally.
Table 3. I/O Port Characteristics
Legend: WPU = Weak Pull-Up, OD = Open Drain
Input
Output
Weak Pull-Up
Reset State
Port 0[7:0]
TTL/CMOS
Push-Pull/OD
No
Bidirectional
Port 1[7:0]
TTL/CMOS
Push-Pull/OD
No
Bidirectional
Port 2[1:0]
Port 2[3:2]
Port 2[5:4]
Port 2[7:6]
Schmitt trigger
TTL/CMOS
Schmitt trigger
TTL/CMOS
Push-Pull/OD
Pure OD
Push-Pull/OD
Push-Pull/OD
Yes
No
Yes
Yes
Input
Input CMOS
Input
Input CMOS
Port 3[2:1]
Port 3.3
Port 3[7:4]
Schmitt trigger
TTL/CMOS
Schmitt trigger
Push-Pull/OD
Push-Pull/OD
Push-Pull/OD
Yes
Yes
Yes
Input
Input CMOS
Input
Port 4.0, Port 4.4
Port 4.1
Port 4.2, Port 4.5
Port 4.3
Port 4[7:6]
Schmitt trigger
Schmitt trigger
TTL/CMOS
Schmitt trigger
Schmitt trigger inside I/O cell
Push-Pull/OD
Push-Pull/OD
Push-Pull/OD
Push-Pull/OD
Pure OD
No
Yes
Yes
Yes
No
Input
Bidirectional WPU
Input CMOS
Input
Input
Port 5[2:0], Port 5[7:4]
Port 5.3
Schmitt trigger
TTL/CMOS
Push-Pull/OD
Push-Pull/OD
No
Yes
Input
Input CMOS
Port 6[3:0]
Port 6[5:4]
Schmitt trigger
High hysteresis Schmitt trigger
inside I/O cell
Push-Pull/OD
Push-Pull/OD
Yes
Yes (inside I/O cell)
Input
Input
Port 7[7:0]
Schmitt trigger
Push-Pull/OD
Yes
Input
Port 8[1:0]
Port 8[7:2]
Schmitt trigger
Schmitt trigger
Push-Pull/OD
Push-Pull/OD
Yes
Yes
Input
Bidirectional WPU
Port 9[7:0]
Schmitt trigger
Push-Pull/OD
Yes
Bidirectional WPU
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com