Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 95Page - STMicroelectronics ST92F120 Datasheet HTML 96Page - STMicroelectronics ST92F120 Datasheet HTML 97Page - STMicroelectronics ST92F120 Datasheet HTML 98Page - STMicroelectronics ST92F120 Datasheet HTML 99Page - STMicroelectronics ST92F120 Datasheet HTML 100Page - STMicroelectronics ST92F120 Datasheet HTML 101Page - STMicroelectronics ST92F120 Datasheet HTML 102Page - STMicroelectronics ST92F120 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 324 page
background image
99/324
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 46. Example of Low Power mode programming in WFI using CK_AF external clock
n
User’s Program
WFI instruction
PROGRAM FLOW
INTCLK FREQUENCY
Interrupt
PLL multiply factor
Divider factor set
Wait for the PLL to lock
CK_AF clock selected
Wait For Interrupt
No code is executed until
Interrupt serviced
set to 10
to 1, and PLL turned ON
an interrupt is requested
Low Power Mode enabled
2 MHz
20 MHz
2 MHz
20 MHz
** TSTUP = Quartz oscillator start-up time
* TPLK = PLL lock-in time
TPLK*
FXtal = 4 MHz, VDD = 4.5 V min
WAIT
CSU_CKSEL
← 1
PLL is system clock source
while CK_AF is
the System Clock
and the Xtal restarts
FCK_AF
The System Clock
switches to Xtal
in WFI state
in WFI state
User’s Program
Preselect Xtal stopped
when CK_AF selected
activated
Wait for the Xtal
WAIT
PLL is System Clock source
to stabilise
Wait for the PLL to lock
WAIT
WFI_CKSEL
← 1
XTSTOP
← 1
LPOWFI
← 1
WFI status
Interrupt Routine
XTSTOP
← 0
CKAF_SEL
← 0
CSU_CKSEL
← 1
DX2-0
← 000
MX(1:0)
← 00
Reset State
CK_AF selected and Xtal stopped
automatically
Begin
Execution of user program
resumes at full speed
TSTUP**
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com