Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 50Page - STMicroelectronics ST92F120 Datasheet HTML 51Page - STMicroelectronics ST92F120 Datasheet HTML 52Page - STMicroelectronics ST92F120 Datasheet HTML 53Page - STMicroelectronics ST92F120 Datasheet HTML 54Page - STMicroelectronics ST92F120 Datasheet HTML 55Page - STMicroelectronics ST92F120 Datasheet HTML 56Page - STMicroelectronics ST92F120 Datasheet HTML 57Page - STMicroelectronics ST92F120 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 324 page
background image
54/324
ST92F120 - REGISTER AND MEMORY MAP
4 REGISTER AND MEMORY MAP
4.1 INTRODUCTION
The ST92F120 register map, memory map and
peripheral options are documented in this section.
Use this reference information to supplement the
functional descriptions given elsewhere in this
document.
4.2 MEMORY CONFIGURATION
The Program memory space of the ST92F120 up
to 128K bytes of directly addressable on-chip
memory, is fully available to the user.
4.2.1 Reset Vector Location
In 128k devices, the reset vector is located in
01E000h.
In 60k devices, the reset vector is located in
000000h.
4.2.2 Location of Vector for External Watchdog
Refresh
If an external watchdog is used, it must be re-
freshed during TestFlash execution by a user writ-
ten routine. This routine has to be located in Flash
memory, the address where the routine starts has
to be written in 000006h (one word) while the seg-
ement where the routine is located has to be writ-
ten in 000009h (one byte).
This routine is called at least once every time that
the TestFlash executes an EEPROM write opera-
tion. If the write operation has a long duration, the
user routine is called with a rate fixed by location
000008h with an internal clock frequency of 2
MHz, location 000008h fixes the number of mill-
seconds to wait between two calls of the user rou-
tine.
Table 13. User Routine Parameters
If location 000006h to 000007h is virgin (FFFFh),
the user routine is not called.
Location
Size
Description
000006h to
000007h
2 bytes
User routine address
000008h
1 byte
ms rate at 2 MHz.
000009h
1 byte
User routine segment
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com