Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 78Page - STMicroelectronics ST92F120 Datasheet HTML 79Page - STMicroelectronics ST92F120 Datasheet HTML 80Page - STMicroelectronics ST92F120 Datasheet HTML 81Page - STMicroelectronics ST92F120 Datasheet HTML 82Page - STMicroelectronics ST92F120 Datasheet HTML 83Page - STMicroelectronics ST92F120 Datasheet HTML 84Page - STMicroelectronics ST92F120 Datasheet HTML 85Page - STMicroelectronics ST92F120 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 324 page
background image
82/324
ST92F120 - INTERRUPTS
WAKE-UP / INTERRUPT LINES MANAGEMENT UNIT (Cont’d)
5.11.3 Functional Description
5.11.3.1 Interrupt Mode
To configure the 16 wake-up lines as interrupt
sources, use the following procedure:
1. Configure the mask bits of the 16 wake-up lines
(WUMRL, WUMRH)
2. Configure the triggering edge registers of the
wake-up lines (WUTRL, WUTRH)
3. Set bit 7 of EIMR (R244 Page 0) and EITR
(R242 Page 0) registers of the CPU: so an
interrupt coming from one of the 16 lines can be
correctly acknowledged
4. Reset the WKUP-INT bit in the WUCTRL regis-
ter to disable Wake-up Mode
5. Set the ID1S bit in the WUCTRL register to dis-
able the INT7 external interrupt source and
enable the 16 wake-up lines as external inter-
rupt source lines.
To return to standard mode (INT7 external inter-
rupt source enabled and 16 wake-up lines disa-
bled) it is sufficient to reset the ID1S bit.
5.11.3.2 Wake-up Mode Selection
To configure the 16 lines as wake-up sources, use
the following procedure:
1. Configure the mask bits of the 16 wake-up lines
(WUMRL, WUMRH).
2. Configure the triggering edge registers of the
wake-up lines (WUTRL, WUTRH).
3. Set, as for Interrupt Mode selection, bit 7 of
EIMR and EITR registers only if an interrupt
routine is to be executed after a wake-up event.
Otherwise, if the wake-up event only restarts
the execution of the code from where it was
stopped, the INTD1 interrupt channel must be
masked or
the
external source
must be
selected by resetting the ID1S bit.
4. Since the RCCU can generate an interrupt
request when exiting from STOP mode, take
care to mask it even if the wake-up event is
only to restart code execution.
5. Set the WKUP-INT bit in the WUCTRL register
to select Wake-up Mode
6. Set the ID1S bit in the WUCTRL register to dis-
able the INT7 external interrupt source and
enable the 16 wake-up lines as external inter-
rupt source lines. This is not mandatory if the
wake-up event does not require an interrupt
response.
7. Write the sequence 1,0,1 to the STOP bit of the
WUCTRL register with three consecutive write
operations. This is the STOP bit setting
sequence.
To detect if STOP Mode was entered or not, im-
mediately after the STOP bit setting sequence,
poll the RCCU EX_STP bit (R242.7, Page 55) and
the STOP bit itself.
5.11.3.3 STOP Mode Entry Conditions
Assuming the ST9 is in Run mode: during the
STOP bit setting sequence the following cases
may occur:
Case 1: NMI = 0, wrong STOP bit setting se-
quence
This can happen if an Interrupt/DMA request is ac-
knowledged during the STOP bit setting se-
quence. In this case polling the STOP and
EX_STP bits will give:
STOP = 0, EX_STP = 0
This means that the ST9 did not enter STOP mode
due to a bad STOP bit setting sequence: the user
must retry the sequence.
Case 2: NMI = 0, correct STOP bit setting se-
quence
In this case the ST9 enters STOP mode. There are
two ways to exit STOP mode:
1. A wake-up interrupt (not an NMI interrupt) is
acknowledged. That implies:
STOP = 0, EX_STP = 1
This means that the ST9 entered and exited STOP
mode due to an external wake-up line event.
2. A NMI rising edge woke up the ST9. This
implies:
STOP = 1, EX_STP = 1
This means that the ST9 entered and exited STOP
mode due to an NMI (rising edge) event. The user
should clear the STOP bit via software.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com