Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 5 Page - STMicroelectronics

  ST92F120 Datasheet HTML 1Page - STMicroelectronics ST92F120 Datasheet HTML 2Page - STMicroelectronics ST92F120 Datasheet HTML 3Page - STMicroelectronics ST92F120 Datasheet HTML 4Page - STMicroelectronics ST92F120 Datasheet HTML 5Page - STMicroelectronics ST92F120 Datasheet HTML 6Page - STMicroelectronics ST92F120 Datasheet HTML 7Page - STMicroelectronics ST92F120 Datasheet HTML 8Page - STMicroelectronics ST92F120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 324 page
background image
5/324
ST92F120 - GENERAL DESCRIPTION
Figure 1. ST92F120JV: Architectural Block Diagram
256 bytes
Register File
ST9 CORE
8/16 bit
CPU
Interrupt
Management
RCCU
WATCHDOG
AS
DS
RW
WAIT
NMI
RW
DS2
MISO
MOSI
SCK
SS
EF TIMER 0
ST. TIMER
SPI
SCI 0
TXCLK0
RXCLK0
SIN0
DCD0
SOUT0
CLKOUT0
RTS0
WDOUT
HW0SW1
WDIN
STOUT
ICAPA0
OCMPA0
ICAPB0
OCMPB0
EXTCLK0
Fully
Prog.
I/Os
P0[7:0]
P1[7:0]
P2[7:0]
P3[7:1]
P4[7:0]
P5[7:0]
P6[5:0]
P7[7:0]
P8[7:0]
P9[7:0]
TXCLK1
RXCLK1
SIN1
DCD1
SOUT1
CLKOUT1
RTS1
MF TIMER 0
TINPA0
TOUTA0
TINPB0
TOUTB0
ICAPA1
OCMPA1
ICAPB1
OCMPB1
EXTCLK1
TINPA1
TOUTA1
TINPB1
TOUTB1
INT[6:0]
WKUP[15:0]
EF TIMER 1
MF TIMER 1
SCI 1
*
OSCIN
OSCOUT
RESET
CLOCK2/8
CLOCK2
INTCLK
A/D CONV. 0
A0IN[7:0]
EXTRG
A/D CONV. 1
A1IN[7:0]
SDAI
SDAO
SCLI
SCLO
I2C BUS
VPWI
VPWO
J1850
JBLPD
A[7:0]
D[7:0]
A[15:8]
Ext. MEM.
ADDRESS
DATA
Port0
Ext. MEM.
ADDRESS
Port1
RAM
2/4 Kbytes
FLASH
60/128 Kbytes
EEPROM
1K byte
(optional)
All alternate functions (
Italic characters) are mapped on Port2, Port3, Port4, Port5, Port6, Port7, Port8 and Port9
* Available on some versions only
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com