Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 49Page - STMicroelectronics ST92F120 Datasheet HTML 50Page - STMicroelectronics ST92F120 Datasheet HTML 51Page - STMicroelectronics ST92F120 Datasheet HTML 52Page - STMicroelectronics ST92F120 Datasheet HTML 53Page - STMicroelectronics ST92F120 Datasheet HTML 54Page - STMicroelectronics ST92F120 Datasheet HTML 55Page - STMicroelectronics ST92F120 Datasheet HTML 56Page - STMicroelectronics ST92F120 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 324 page
background image
53/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
In addition, the Code Update routine remaps the
interrupts in the TestFlash (ISR = 23h), and config-
ures I/O Ports P5.3 (SOUT0) and and P5.4
(CLKOUT0) as Alternate Functions.
Note: Four interrupt routines are used by the code
update routine: SCI Receiver Error Interrupt rou-
tine (vector in 0010h), SCI address Match Interrupt
routine (vector in 0012h), SCI Receiver Data
Ready Interrupt routine (vector in 0014h) and SCI
Transmitter Buffer Empty Interrupt routine (vector
in 0016h).
Figure 26. Flash in-system Programming
BRGLR - R253
04h
Baud Rate Divider is 4
SICR - R254
83h
Synchronous Mode
SOCR - R255
01h
Register
Value
Notes
TestFlash Code
Start
Initialization
Enable Serial
Interface
Jump to Flash
Main
Code
In-system
prog routine
Flash
virgin ?
Erase sectors
Yes
No
Load 1st table
of data in RAM
through S.I.
Prog 1st table
of data from
RAM in Flash
Load 2nd table
of data in RAM
through SCI
Inc. Address
Last
Address ?
RET
Yes
No
Code Update
Routine
Enable DMA
Load in-system
prog routine
in internal RAM
through SCI.
Call in-system
prog routine
HALT
Address
Match
Interrupt
(from SCI)
User
Test
Internal RAM (User Code Example)
SOUT0
= 0 ?
Yes
No
WFI
Flash
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com