Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 77Page - STMicroelectronics ST92F120 Datasheet HTML 78Page - STMicroelectronics ST92F120 Datasheet HTML 79Page - STMicroelectronics ST92F120 Datasheet HTML 80Page - STMicroelectronics ST92F120 Datasheet HTML 81Page - STMicroelectronics ST92F120 Datasheet HTML 82Page - STMicroelectronics ST92F120 Datasheet HTML 83Page - STMicroelectronics ST92F120 Datasheet HTML 84Page - STMicroelectronics ST92F120 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 324 page
background image
81/324
ST92F120 - INTERRUPTS
5.11 WAKE-UP / INTERRUPT LINES MANAGEMENT UNIT (WUIMU)
5.11.1 Introduction
The Wake-up/Interrupt Management Unit extends
the number of external interrupt lines from 8 to 23
(depending on the number of external interrupt
lines mapped on external pins of the device). It al-
lows the source of the INTD1 external interrupt
channel to be selected between the INT7 pin
(when available) and up to 16 additional external
Wake-up/interrupt pins.
These 16 WKUP pins can be programmed as ex-
ternal interrupt lines or as wake-up lines, able to
exit the microcontroller from low power mode
(STOP mode) (see Figure 1).
5.11.2 Main Features
s
Supports up to 16 additional external wake-up
or interrupt lines
s
Wake-Up lines can be used to wake-up the ST9
from STOP mode.
s
Programmable selection of wake-up or interrupt
s
Programmable wake-up trigger edge polarity
s
All Wake-Up Lines maskable
Note: The number of available pins is device de-
pendent. Refer to the device pinout description.
Figure 39. Wake-Up Lines / Interrupt Management Unit Block Diagram
WUTRH
WUTRL
WUPRH
WUPRL
WUMRH
WUMRL
TRIGGERING LEVEL REGISTERS
PENDING REQUEST REGISTERS
MASK REGISTERS
WKUP[7:0]
WKUP[15:8]
10
NMI
WUCTRL
SW SETTING1)
TO CPU
TO RCCU - Stop Mode Control
TO CPU
INTD1 - External Interrupt Channel
INT7
Note 1: The reset signal on the Stop bit is stronger than the set signal.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com