Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 71Page - STMicroelectronics ST92F120 Datasheet HTML 72Page - STMicroelectronics ST92F120 Datasheet HTML 73Page - STMicroelectronics ST92F120 Datasheet HTML 74Page - STMicroelectronics ST92F120 Datasheet HTML 75Page - STMicroelectronics ST92F120 Datasheet HTML 76Page - STMicroelectronics ST92F120 Datasheet HTML 77Page - STMicroelectronics ST92F120 Datasheet HTML 78Page - STMicroelectronics ST92F120 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 324 page
background image
75/324
ST92F120 - INTERRUPTS
EXTERNAL INTERRUPTS (Cont’d)
Figure 37. External Interrupts Control Bits and Vectors
* Only four interrupt pins are available at the same time. Refer to Table 18 for I/O pin mapping.
INT A0
request
VECTOR
Priority level
Mask bit
Pending bit
IMA0
IPA0
V7 V6 V5 V4 0
0
0
X
X
X
0
“0”
“1”
IA0S
Watchdog/Timer
End of count
INT 0 pin*
INT A1
request
INT 6 pin
INT B0
request
INT 2 pin*
INT B1
request
TEB1
INT 3 pin*
INT C0
request
INT C1
request
INT D0
request
INT D1
request
VECTOR
Priority level
Mask bit
Pending bit
IMA1
IPA1
V7 V6 V5 V4 0
0
1
X
X
X
1
V7 V6 V5 V4 0
1
0
X
X
X
0
V7 V6 V5 V4 0
1
1
X
X
X
1
V7 V6 V5 V4 1
0
0
X
X
X
0
V7 V6 V5 V4 1
0
1
X
X
X
1
V7 V6 V5 V4 1
1
0
X
X
X
0
V7 V6 V5 V4 1
1
1
X
X
X
1
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
Mask bit
IMB0
Pending bit IPB0
Pending bit IPB1
Pending bit IPC0
Pending bit IPC1
Pending bit IPD0
Pending bit IPD1
Mask bit IMB1
Mask bit IMC0
Mask bit IMC1
Mask bit IMD0
Mask bit IMD1
SPIS
SPI Interrupt
“1”
“0”
INTS
STD Timer
“1”
“0”
INT_SEL
RCCU
“0”
“1”
TEA0
TEB0
“0”
“1”
TED0
EFTIS
EFT1 Timer
“0”
“1”
“1”
“0”
EFTIS
EFT0 Timer
“1”
“0”
ID1S
Wake-up
Controller
WKUP
(0:15)
EEPROM/Flash
FEIEN
INT 4 pin*
INT 5 pin*
INT 1 pin*
TEA1
TEC0
TEC1
TED1
Not implemented.
INT 7 pin
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com