Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 127Page - STMicroelectronics ST92F120 Datasheet HTML 128Page - STMicroelectronics ST92F120 Datasheet HTML 129Page - STMicroelectronics ST92F120 Datasheet HTML 130Page - STMicroelectronics ST92F120 Datasheet HTML 131Page - STMicroelectronics ST92F120 Datasheet HTML 132Page - STMicroelectronics ST92F120 Datasheet HTML 133Page - STMicroelectronics ST92F120 Datasheet HTML 134Page - STMicroelectronics ST92F120 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 324 page
background image
131/324
STANDARD TIMER (STIM)
10.2 STANDARD TIMER (STIM)
Important Note: This chapter is a generic descrip-
tion of the STIM peripheral. Depending on the ST9
device, some or all of the interface signals de-
scribed may not be connected to external pins. For
the list of STIM pins present on the particular ST9
device, refer to the pinout description in the first
section of the data sheet.
10.2.1 Introduction
The Standard Timer includes a programmable 16-
bit down counter and an associated 8-bit prescaler
with Single and Continuous counting modes capa-
bility. The Standard Timer uses an input pin (STIN)
and an output (STOUT) pin. These pins, when
available, may be independent pins or connected
as Alternate Functions of an I/O port bit.
STIN can be used in one of four programmable in-
put modes:
– event counter,
– gated external input mode,
– triggerable input mode,
– retriggerable input mode.
STOUT can be used to generate a Square Wave
or Pulse Width Modulated signal.
The Standard Timer is composed of a 16-bit down
counter with an 8-bit prescaler. The input clock to
the prescaler can be driven either by an internal
clock equal to INTCLK divided by 4, or by
CLOCK2 derived directly from the external oscilla-
tor, divided by device dependent prescaler value,
thus providing a stable time reference independ-
ent from the PLL programming or by an external
clock connected to the STIN pin.
The Standard Timer End Of Count condition is
able to generate an interrupt which is connected to
one of the external interrupt channels.
The End of Count condition is defined as the
Counter Underflow, whenever 00h is reached.
Figure 72. Standard Timer Block Diagram
n
STOUT1
EXTERNAL
INPUT
&
CLOCK CONTROL LOGIC
INEN INMD1 INMD2
STP
8-BIT PRESCALER
STH,STL
16-BIT
STANDARD TIMER
CLOCK
OUTMD1 OUTMD2
OUTPUT CONTROL LOGIC
INTERRUPT
CONTROL LOGIC
END OF
COUNT
INTS
INTERRUPT REQUEST
CLOCK2/x
STIN1
INTERRUPT1
DOWNCOUNTER
(See Note 2)
Note 2: Depending on device, the source of the INPUT & CLOCK CONTROL LOGIC block
may be permanently connected either to STIN or the RCCU signal CLOCK2/x. In devices without STIN and CLOCK2, the
INTCLK/4
MUX
Note 1: Pin not present on all ST9 devices
.
INEN bit must be held at 0.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com