Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 224Page - STMicroelectronics ST92F120 Datasheet HTML 225Page - STMicroelectronics ST92F120 Datasheet HTML 226Page - STMicroelectronics ST92F120 Datasheet HTML 227Page - STMicroelectronics ST92F120 Datasheet HTML 228Page - STMicroelectronics ST92F120 Datasheet HTML 229Page - STMicroelectronics ST92F120 Datasheet HTML 230Page - STMicroelectronics ST92F120 Datasheet HTML 231Page - STMicroelectronics ST92F120 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 324 page
background image
228/324
I2C BUS INTERFACE
I2C BUS INTERFACE (Cont’d)
Bit 0 = ITE
Interrupt Enable.
The ITE bit enables the generation of interrupts.
This bit is set and cleared by software and cleared
by hardware when the interface is disabled
(I2CCR.PE=0).
0: Interrupts disabled (reset value)
1: Interrupts enabled after any of the following con-
ditions:
– Byte received or to be transmitted
(I2CSR1.BTF and I2CSR1.EVF flags = 1)
– Address matched in Slave mode while
I2CCR.ACK=1
(I2CSR1.ADSL and I2CSR1.EVF flags = 1)
– Start condition generated
(I2CSR1.SB and I2CSR1.EVF flags = 1)
– No acknowledge received after byte transmis-
sion
(I2CSR2.AF and I2CSR1.EVF flags = 1)
– Stop detected in Slave mode
(I2CSR2.STOPF and I2CSR1.EVF flags = 1)
– Arbitration lost in Master mode
(I2CSR2.ARLO and I2CSR1.EVF flags = 1)
– Bus error, Start or Stop condition detected
during data transfer
(I2CSR2.BERR and I2CSR1.EVF flags = 1)
– Master has sent header byte
(I2CSR1.ADD10 and I2CSR1.EVF flags = 1)
– Address byte successfully transmitted in Mas-
ter mode.
(I2CSR1.EVF = 1 and I2CSR2.ADDTX = 1)
SCL is held low when the ADDTX flag of the
I2CSR2 register or the ADD10, SB, BTF or ADSL
flags of I2CSR1 register are set (See Figure 3) or
when the DMA is not complete.
The transfer is suspended in all cases except
when the BTF bit is set and the DMA is enabled. In
this case the event routine must suspend the DMA
transfer if it is required.
I2C STATUS REGISTER 1 (I2CSR1)
R241 - Read Only
Register Page: 20
Reset Value: 0000 0000 (00h)
Note: Some bits of this register are reset by a read
operation of the register. Care must be taken when
using instructions that work on single bit. Some of
them perform a read of all the bits of the register
before modifying or testing the wanted bit. So oth-
er bits of the register could be affected by the op-
eration.
In the same way, the test/compare operations per-
form a read operation.
Moreover, if some interrupt events occur while the
register is read, the corresponding flags are set,
and correctly read, but if the read operation resets
the flags, no interrupt request occurs.
Bit 7 = EVF
Event Flag.
This bit is set by hardware as soon as an event (
listed below or described in Figure 3) occurs. It is
cleared by software when all event conditions that
set the flag are cleared. It is also cleared by hard-
ware
when
the
interface
is
disabled
(I2CCR.PE=0).
0: No event
1: One of the following events has occurred:
– Byte received or to be transmitted
(I2CSR1.BTF and I2CSR1.EVF flags = 1)
– Address matched in Slave mode while
I2CCR.ACK=1
(I2CSR1.ADSL and I2CSR1.EVF flags = 1)
– Start condition generated
(I2CSR1.SB and I2CSR1.EVF flags = 1)
– No acknowledge received after byte transmis-
sion
(I2CSR2.AF and I2CSR1.EVF flags = 1)
– Stop detected in Slave mode
(I2CSR2.STOPF and I2CSR1.EVF flags = 1)
– Arbitration lost in Master mode
(I2CSR2.ARLO and I2CSR1.EVF flags = 1)
– Bus error, Start or Stop condition detected
during data transfer
(I2CSR2.BERR and I2CSR1.EVF flags = 1)
– Master has sent header byte
(I2CSR1.ADD10 and I2CSR1.EVF flags = 1)
70
EVF
ADD10
TRA
BUSY
BTF
ADSL
M/SL
SB
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com