Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 272 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 272 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 268Page - STMicroelectronics ST92F120 Datasheet HTML 269Page - STMicroelectronics ST92F120 Datasheet HTML 270Page - STMicroelectronics ST92F120 Datasheet HTML 271Page - STMicroelectronics ST92F120 Datasheet HTML 272Page - STMicroelectronics ST92F120 Datasheet HTML 273Page - STMicroelectronics ST92F120 Datasheet HTML 274Page - STMicroelectronics ST92F120 Datasheet HTML 275Page - STMicroelectronics ST92F120 Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 324 page
background image
272/324
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Bit 5 = RDRF_M
Receive Data Register Full Inter-
rupt Mask bit.
This bit enables the “receive data register full” in-
terrupt source to generate an interrupt request.
This bit is reset if the CONTROL.JDIS bit is set at
least for 6 clock cycles (3 NOPs).
0: RDRF interrupt source masked
1: RDRF interrupt source un-masked
Bit 4 = TLA_M
Transmitter Lost Arbitration Inter-
rupt Mask bit.
This bit enables the “transmitter lost arbitration” in-
terrupt source to generate an interrupt request.
This bit is reset if the CONTROL.JDIS bit is set at
least for 6 clock cycles (3 NOPs).
0: TLA interrupt source masked
1: TLA interrupt source un-masked
Bit 3 = RXD_M
Receiver DMA Mask bit.
If this bit is “0” no receiver DMA request will be
generated, and the RDRF bit, in the Status Regis-
ter (STATUS), can request an interrupt. If RXD_M
bit is set to “1” then the RDRF bit can request a
DMA transfer. RXD_M is reset by hardware when
the transaction counter value decrements to zero,
that is when a Receiver End Of Block condition oc-
curs (REOBP flag set).
This bit is reset if the CONTROL.JDIS bit is set at
least for 6 clock cycles (3 NOPs).
0: Receiver DMA disabled
1: Receiver DMA enabled
Bit 2 = EODM_M
End of Data Minimum Interrupt
Mask bit.
This bit enables the “end of data minimum” inter-
rupt source to generate an interrupt request.
This bit is reset if the CONTROL.JDIS bit is set at
least for 6 clock cycles (3 NOPs).
0: EODM interrupt source mask
1: EODM interrupt source un-masked
Bit 1 = EOFM_M
End of Frame Minimum Interrupt
Mask bit.
This bit enables the “end of frame minimum” inter-
rupt source to generate an interrupt request.
This bit is reset if the CONTROL.JDIS bit is set at
least for 6 clock cycles (3 NOPs).
0: EOFM interrupt source masked
1: EOFM interrupt source un-masked
Bit 0 = TXD_M
Transmitter DMA Mask bit.
If this bit is “0” no transmitter DMA request will be
generated, and the TRDY bit, in the Status Regis-
ter (STATUS), can request an interrupt. If TXD_M
bit is set to “1” then the TRDY bit can request a
DMA transfer. TXD_M is reset by hardware when
the transaction counter value decrements to zero,
that is when a Transmitter End Of Block condition
occurs (TEOBP flag set).
This bit is reset if the CONTROL.JDIS bit is set at
least for 6 clock cycles (3 NOPs).
0: Transmitter DMA disabled
1: Transmitter DMA enabled
JBLPD OPTIONS AND REGISTER GROUPS
SELECTION REGISTER (OPTIONS)
R251- Read/Write
Register Page: 23
Reset Value: 0000 0000 (00h)
Bit 7 = INPOL
VPWI Input Polarity Selector.
This bit allows the selection of the polarity of the
RX signal coming from the transceivers. Depend-
ing on the specific transceiver, the RX signal is in-
verted or not inverted respect the VPWO and the
J1850 bus line.
0: VPWI input is inverted by the transceiver with
respect to the J1850 line.
1: VPWI input is not inverted by the transceiver
with respect to the J1850 line.
Bit 6 = NBSYMS
NB Symbol Form Selector.
This bit allows the selection of the form of the Nor-
malization Bits (NB0/NB1).
0: NB0 active long symbol (Tv2), NB1 active short
symbol (Tv1)
1: NB0 active short symbol (Tv1), NB1 active long
symbol (Tv2)
70
INPOL NBSYMS DMASUSP LOOPB RSEL3 RSEL2 RSEL1 RSEL0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com